Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2841GR Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM2841GR
Description  1.5A SW CURRENT, 40V PRECISION WLED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2841GR Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM2841GR Datasheet HTML 1Page - Diodes Incorporated PAM2841GR Datasheet HTML 2Page - Diodes Incorporated PAM2841GR Datasheet HTML 3Page - Diodes Incorporated PAM2841GR Datasheet HTML 4Page - Diodes Incorporated PAM2841GR Datasheet HTML 5Page - Diodes Incorporated PAM2841GR Datasheet HTML 6Page - Diodes Incorporated PAM2841GR Datasheet HTML 7Page - Diodes Incorporated PAM2841GR Datasheet HTML 8Page - Diodes Incorporated PAM2841GR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PAM2841
Document number: DSxxxxx Rev. 1 - 5
3 of 16
www.diodes.com
September 2013
© Diodes Incorporated
PAM2841
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Supply Voltage
6.0
V
I/O Pin Voltage Range
GND -0.3 to VDD +0.3
Maximum SW Pin Voltage
40
Storage Temperature
-65 to +170
°C
Maximum Junction Temperature
170
Soldering Temperature
300, 5sec
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage Range
2.8 to 5.5
V
Operation Temperature Range
-40 to +85
°C
Junction Temperature Range
-40 to +150
Thermal Information
Parameter
Package
Symbol
Max
Unit
Thermal Resistance (Junction to Ambient)
MSOP-8
θJA
180
°C/W
DFN2x2-8
80
Thermal Resistance (Junction to Case)
MSOP-8
θJC
75
DFN2x2-8
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com