Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9732 Datasheet(PDF) 10 Page - 3M Electronics

Part # 9732
Description  3M™ EMI/EMC Electronic Materials
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9732 Datasheet(HTML) 10 Page - 3M Electronics

Back Button 9732 Datasheet HTML 4Page - 3M Electronics 9732 Datasheet HTML 5Page - 3M Electronics 9732 Datasheet HTML 6Page - 3M Electronics 9732 Datasheet HTML 7Page - 3M Electronics 9732 Datasheet HTML 8Page - 3M Electronics 9732 Datasheet HTML 9Page - 3M Electronics 9732 Datasheet HTML 10Page - 3M Electronics 9732 Datasheet HTML 11Page - 3M Electronics 9732 Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
6
3M EMI/EMC Solutions
Electrically Conductive Cushioning Gasket Selections
3M™ Electrically Conductive Gaskets solutions encompass three distinct product types:
• 3M Electrically Conductive Gaskets
(ECG): Single coated and double coated conductive foam products
(less than 1mm thickness)
• 3M Metal Shielding Gaskets
(MSG): Very soft single coated conductive foam products with a metal carrier
(greater than 1 mm thickness).
• 3M Electrically Conductive Acrylic Pads
(eCAP): Solid core single coated acrylic conductive gaskets with a
conductive fabric carrier (less than 1 mm thickness).
The 3M ECG series has two versions. The single coated version ECG-70xx and the double coated version
ECG-80xx. The 3M MSG products are available in greater than 1mm thickness with a metal carrier layer that
is either a metal foil or a magnetic foil type. The eCAP product 7830N is an acrylic conductive ECATT with a
conductive fabric carrier layer to make a single sided eCAP gasket product.
Product
Conductive
Carrier Type
Conductive
Adhesive / Fillers
Conductive
Core
Total
Thickness
(mm)
Features
eCAP 7830N
Conductive
Fabric
Acrylic adhesive with
Ni coated graphite filler /
1 side, single coated
Acrylic adhesive
with Ni coated
graphite filler
0.2, 0.3,
0.4, 0.5
XYZ electrical conductivity, single sided, provides
EMI Shielding and Grounding, Good adhesion to
many substrates.
ECG-70xx
(ex: ECG-7033)
Conductive
Fabric
Acrylic adhesive
with Ni filler /
1 side, single coated
Metal plated open
cell urethane
foam
0.33, 0.53, 0.73
(0.xx)
XYZ electrical conductivity, Conformable-Soft, single
sided, provides EMI Shielding and Grounding, Good
adhesion to many substrates, single sided adhesive.
ECG-80xx
(ex: ECG-8035)
Conductive
Fabric
Acrylic adhesive
with Ni filler /
2 sided, double coated
Metal plated open
cell urethane
foam
0.35, 0.55, 0.75
(0.xx)
XYZ electrical conductivity, Conformable-Soft,
provides EMI Shielding and Grounding, Good
adhesion to many substrates, dual sided adhesive.
MSG-6xxx
(MSG-6180)
Metal Foil
Acrylic adhesive
with Ni filler /
1 side, single coated
Metal plated open
cell foam
0.6, 1.0, 1.8
(optional
thicknesses/
inquire @ 3M)
XYZ electrical conductivity, Very Conformable-Soft,
single sided, provides EMI Shielding and Grounding,
Good adhesion to many substrates, single
sided adhesive
3M™ Electrically Conductive
Cushioning Gasket
ECG-8035, ECG-8055,
ECG-8075, Double Coat
3M™ Electrically Conductive
Cushioning Gasket
ECG-7033, ECG-7053,
ECG-7073, Single Coat
Conductive PSA
Conductive PSA
3M EMI Absorbers & 3M Grounding Solutions for Optimized Antenna Performance
3M EMI Absorbers and 3M ECATT Grounding Solutions (Conductive PSA ECATT, Conductive Foils & Fabrics)
provide for an optimized antenna performance solution. Absorbers reduce line of sight or reflected EMI noise
near an antenna, Conductive PSAs and Gaskets offer grounding for a thickness range potential of 0.03 mm to
3.3 mm gaps, to reduce stray flowing currents and associated EMI that degrades antenna performance (S/N).
3M™ EMI Absorbers
WiFi Receiver/Transmitter
WiFi Receiver/Transmitter
Communication
Signal Disrupted
by IC EMI
Antenna
EMI Noisy
IC Devices
3M EMI Absorbers
Strong Signal
Signal to Noise Ratio
Poor
Optimized
Signal to Noise Ratio
Poor
Optimized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com