Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9760 Datasheet(PDF) 8 Page - 3M Electronics

Part # 9760
Description  3M??EMI/EMC Electronic Materials
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9760 Datasheet(HTML) 8 Page - 3M Electronics

Back Button 9760 Datasheet HTML 4Page - 3M Electronics 9760 Datasheet HTML 5Page - 3M Electronics 9760 Datasheet HTML 6Page - 3M Electronics 9760 Datasheet HTML 7Page - 3M Electronics 9760 Datasheet HTML 8Page - 3M Electronics 9760 Datasheet HTML 9Page - 3M Electronics 9760 Datasheet HTML 10Page - 3M Electronics 9760 Datasheet HTML 11Page - 3M Electronics 9760 Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
3M EMI/EMC Solutions
3MElectrically Conductive Adhesive Transfer Tapes
3MElectrically Conductive Adhesive Transfer Tapes are designed to help you save time in a variety of
specialized electronics assembly operations – from attaching EMI shields and gaskets to grounding and bonding
flexible circuits and PCBs – while improving the performance and reliability of your finished products.
3M ECATT General Overview Comparative Reference Table
ECATT Basic Comparative Reference Table:
Based on the suggested “ECATT Selection
Process”, the end user should identify 2-4
ECATT products to test in an application
to determine fitness for use. As each
application is unique, it is difficult to identify
the “Optimum” ECATT product without testing
the ECATT products in an end use assembly
design. The ECATT Selection Process of
“Good-Better-Best” ranks products as they
might perform in a nominal application. As
each ECATT may employ different conductive
particles, scrim or non-woven, thickness
variations, acrylic adhesive type, etc., they
will perform differently based on end use
application – hence the need for the end
users’ own comparative testing. The following
technical information and data should be
considered representative or typical and should
not be used for specification purposes.
Contact Resistance
(R ohms) between a
Copper foil test panel and
a 2nd Sheet of a Copper
foil test panel using the
3M ECATT
Contact Resistance
(R ohms) between a
Gold Flexible
Test Strip and a Gold
Pad PCB panel
using the 3M ECATT
Adhesive Type
Features,
Advantages, and Benefits
Copper foil bonded to
a Copper Foil using the
3M ECATT / 3M 2-point
Resistance Test Method /
645 mm2 Overlap Contact
Area / 1 hour RT Dwell.
See note 1.
Gold flex bonded to
PCB gold test pad.
6 mm2 overlap
contact area.
1 hour RT Dwell.
See note 1.
9703
50
Z
Silver
Low Outgassing
Acrylic ECATT
Z- Axis, Low outgassing
< 0.2
< 0.2
9704
50
Z
Silver
Low Outgassing
Acrylic ECATT
Z-axis, High adhesion, Low outgassing
< 0.2
< 0.2
9705
50
Z
Silver
Standard
Acrylic ECATT
Z-Axis, Standard outgassing version of 9703
< 0.2
< 0.2
9706
50
Z
Silver
High Adhesion
Acrylic ECATT
High adhesion version of the 9705
< 0.2
< 0.3
9707
9707
50
XYZ
Silver
High Adhesion
Acrylic ECATT
High adhesion, “Bond Line Gap/Slit”
EMI shielding for High Frequency,
Low contact R to SS
< 0.2
< 0.3
9709
50
XYZ
Silver
Standard
Acrylic ECATT
Standard adhesion, “Bond Line Gap/Slit”
EMI shielding for High Frequency
< 0.2
< 0.3
9709S
50
XYZ
Silver
Standard
Acrylic ECATT
Standard adhesion, “Bond Line Gap/Slit”
EMI shielding for High Frequency,
Low contact R to SS
< 0.2
< 0.2
9709SL
50
XYZ
Silver
Standard
Acrylic ECATT
Premium low liner release version of 9709S
< 0.2
< 0.2
7805
150
XYZ
Silver
Standard
Acrylic ECATT
Thicker ECATT for gap filling
< 1.0
< 0.2
7850
150
XYZ
Carbon
High Adhesion
Acrylic ECATT
Higher thermal conductivity
& Thicker ECATT for gap filling
< 1.0
< 10.0
7772
66
XYZ
Nickle &
Alum DC
Medium Adhesion
Acrylic D/C
Double coated aluminum foil
< 0.5
< 2.0
9712
125
XYZ
Carbon
Standard Acrylic
ECATT
Non-woven conductive scrim
& Standard acrylic adhesive
< 1.5
< 15.0
9713
89
XYZ
Nickel/C
Standard
Acrylic ECATT
Lower R non-woven conductive scrim vs.
9712 & Standard acrylic adhesive
< 0.4
< 7.5
9719
100
XYZ
Nickel/C
Silicone ECATT
Low surface energy silicone adhesive, Higher
temperature resistance, Lower R non-woven
conductive scrim vs. 9712
< 1.0
< 20.0
9720S
30
XYZ
Nickel/Cu
High Adhesion
Acrylic ECATT
Lower R non-woven conductive scrim vs. 9713,
Thinner scrim design
& Medium adhesion
< 0.2
< 0.5
9723
60
XYZ
Nickel/Cu
High Adhesion
Acrylic ECATT
Lower R non-woven conductive scrim vs.
9713, Thinner scrim design & High adhesion
< 0.2
< 0.4
9750
50
XYZ
Nickel/Cu
High Adhesion
Acrylic ECATT
Lower R non-woven conductive scrim
vs. 9713 & High adhesion
< 0.2
< 0.5
9732
100
XYZ
Nickel/Cu
Medium Adhesion
Acrylic ECATT
Lower R non-woven conductive scrim vs. 9713,
Thicker scrim design & High adhesion
< 0.2
< 2.5
9760
50
XYZ
Nickel/Cu
High / Low Adhesion
Double sided reworkable
Acrylic ECATT
Easier rework as greater Face Side to Back Side
adhesion delta. Easier rework version
of 9725. High and Low adhesion sides.
< 0.2
< 0.8
9764
150
XYZ
Nickel/Cu
High / Low Adhesion
Double sided reworkable
Acrylic ECATT
Easier rework as greater Face Side to Back Side
adhesion delta. Easier rework and thicker version
of 9732. High and Low adhesion sides.
< 0.5
< 5.0
9780
200
XYZ
Nickel/Cu
High / Low Adhesion
Double sided reworkable
Acrylic ECATT
Easier rework as greater Face Side to Back Side
adhesion delta. Easier rework and thicker version
of 9732. High and Low adhesion sides.
< 0.5
< 5.0
Note 1: Test & performance results will vary
based on items such as, but are not
limited to: Contact area; Assembly
method; Testing conditions; Normal
variations in product performance
from one mfg. lot to a different mfg.
lot of material – along with the normal
variations found in a material within
a mfg. lot (i.e., thickness, available
conductive material in an actual sample
tested, variations in conductive filler
materials and uniformity of conductive
materials dispersed within a lot of
material, variations in adhesives, etc.);
Test methods; Environmental aging; Exact
test surface material type utilized, etc.
The “Copper to Copper” & “Gold Flex to
PCB” testing also should be noted for the
differences related to the “Contact area”
difference in the Test Methods (645 mm2
vs. 6 mm2) as this does impact the test
results. Testing of ECATT materials and
the noted test substrates does not imply
that the ECATT is suitable for an end use
application of similar materials. End user
is responsible to determine if an ECATT
and substrate combination is fit for use in
their intended end use application.
Note 2: More ECATT options are available. Chart
references typical type options. Contact
your 3M Technical Service Representative
for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com