Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF298H Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF298H
Description  Monolithic Sample-and-Hold Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF298H Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LF298H Datasheet HTML 3Page - National Semiconductor (TI) LF298H Datasheet HTML 4Page - National Semiconductor (TI) LF298H Datasheet HTML 5Page - National Semiconductor (TI) LF298H Datasheet HTML 6Page - National Semiconductor (TI) LF298H Datasheet HTML 7Page - National Semiconductor (TI) LF298H Datasheet HTML 8Page - National Semiconductor (TI) LF298H Datasheet HTML 9Page - National Semiconductor (TI) LF298H Datasheet HTML 10Page - National Semiconductor (TI) LF298H Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Application Hints (Continued)
logic input for signal delay, calculate the slope of the wave-
form at the threshold point to ensure that it is at least
1.0 V/µs.
Sampling Dynamic Signals
Sample error to moving input signals probably causes more
confusion among sample-and-hold users than any other pa-
rameter. The primary reason for this is that many users make
the assumption that the sample and hold amplifier is truly
locked on to the input signal while in the sample mode. In ac-
tuality, there are finite phase delays through the circuit creat-
ing an input-output differential for fast moving signals. In ad-
dition, although the output may have settled, the hold
capacitor has an additional lag due to the 300
Ω series resis-
tor on the chip. This means that at the moment the “hold”
command arrives, the hold capacitor voltage may be some-
what different than the actual analog input. The effect of
these delays is opposite to the effect created by delays in the
logic which switches the circuit from sample to hold. For ex-
ample, consider an analog input of 20 Vp-p at 10 kHz. Maxi-
mum dV/dt is 0.6 V/µs. With no analog phase delay and 100
ns logic delay, one could expect up to (0.1 µs) (0.6V/µs)
= 60 mVerror if the “hold” signal arrived near maximum dV/dt
of the input. A positive-going input would give a +60 mV er-
ror. Now assume a 1 MHz (3 dB) bandwidth for the overall
analog loop. This generates a phase delay of 160 ns. If the
hold capacitor sees this exact delay, then error due to analog
delay will be (0.16 µs) (0.6 V/µs) = −96 mV. Total output error
is +60 mV (digital) −96 mV (analog) for a total of −36 mV. To
add to the confusion, analog delay is proportioned to hold
capacitor value while digital delay remains constant. A family
of curves (dynamic sampling error) is included to help esti-
mate errors.
A curve labeled
Aperture Time has been included for sam-
pling conditions where the input is steady during the sam-
pling period, but may experience a sudden change nearly
coincident with the “hold” command. This curve is based on
a 1 mV error fed into the output.
A second curve,
Hold Settling Time indicates the time re-
quired for the output to settle to 1 mV after the “hold” com-
mand.
Digital Feedthrough
Fast rise time logic signals can cause hold errors by feeding
externally into the analog input at the same time the amplifier
is put into the hold mode. To minimize this problem, board
layout should keep logic lines as far as possible from the
analog input and the C
h pin. Grounded guarding traces may
also be used around the input line, especially if it is driven
from a high impedance source. Reducing high amplitude
logic signals to 2.5V will also help.
Guarding Technique
DS005692-5
Use 10-pin layout. Guard around C
his tied to output.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com