Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3064 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP3064
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3064 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP3064 Datasheet HTML 5Page - Diodes Incorporated AP3064 Datasheet HTML 6Page - Diodes Incorporated AP3064 Datasheet HTML 7Page - Diodes Incorporated AP3064 Datasheet HTML 8Page - Diodes Incorporated AP3064 Datasheet HTML 9Page - Diodes Incorporated AP3064 Datasheet HTML 10Page - Diodes Incorporated AP3064 Datasheet HTML 11Page - Diodes Incorporated AP3064 Datasheet HTML 12Page - Diodes Incorporated AP3064 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AP3064
Document number: DS37485 Rev. 2 - 2
9 of 20
www.diodes.com
September 2015
© Diodes Incorporated
AP3064
Performance Characteristics (Cont. VIN=24V, VEN=VDD=5V, 13 LEDs in series, 4 strings in parallel, 120mA/string, TA=+25°C,
unless otherwise specified.)
VOUT Short/Diode Open Protection
Over Temperature Protection
Application Information
1. Enable
The AP3064 is enable when the voltage to EN is greater than approximately 2.4V, disabled when lower than 0.5V.
2. Frequency Selection
An external resistor RT, placed between RT pin and GND, can be used to set the operating frequency. The operating frequency ranges from
100kHz to 1MHz. The high frequency operation optimizes the regulator for the smallest-sized component application, while low frequency
operation can help to reduce switch loss. The approximate operating frequency can be expressed as below:
]
[
52
]
[
W
K
R
MHz
f
RT
OSC
3. LED Current Setting
The maximum LED current per channel can be adjusted up to 18
0mA via ISET pin. When ≥180mA current is needed in application, two or more
channels can be paralleled to provide larger drive current. Connect a resistor RISET between ISET pin and GND to set the reference current ISET.
The LED current can be expressed as below:
]
[
1200
]
[
W
K
R
mA
I
ISET
LED
4. Dimming Control
Applying a PWM signal to DIM pin to adjust the LED current, that means, the LED current of all enabled channels can be adjusted at the same
time and the LED brightness can be adjusted from 1%× ICHX_MAX to 100%×ICHX_MAX. During the “high level” period of PWM signal, the LED is
turned on and 100% of the current flows through LED, while during the “low level” period of the PWM signal, the LED is turned off and almost no
current flows through the LED, thus changing the average current through LED and finally adjusting LED brightness. The external PWM signal
frequency applied to PWM pin is allowed to be 100Hz or higher.
5. Status Output
After IC is enabled, STATUS will output logic low if any of the following conditions exists:
(1) Any String is Open
(2) LED Short Circuit Protection
(3) Shut Down Under Abnormal Condition
(4) Over Voltage Protection
VOVP
5V/div
VIN
10V/div
VGATE
5V/div
ICH
50mA/div
Time 5ms/div
VSTATUS
5V/div
VSW
50V/div
VOUT
50V/div
ICH
50mA/div
Time 1s/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com