Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIS_LS Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NPIS_LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS_LS Datasheet(HTML) 6 Page - NIC-Components Corp.

Back Button NPIS_LS Datasheet HTML 2Page - NIC-Components Corp. NPIS_LS Datasheet HTML 3Page - NIC-Components Corp. NPIS_LS Datasheet HTML 4Page - NIC-Components Corp. NPIS_LS Datasheet HTML 5Page - NIC-Components Corp. NPIS_LS Datasheet HTML 6Page - NIC-Components Corp. NPIS_LS Datasheet HTML 7Page - NIC-Components Corp. NPIS_LS Datasheet HTML 8Page - NIC-Components Corp. NPIS_LS Datasheet HTML 9Page - NIC-Components Corp. NPIS_LS Datasheet HTML 10Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIS__LS Series
NPIS Shielded Power Inductors
Series
Standard Values - Case Size 41 (4.0 x 4.0 x 1.2mm)
Inductance
(µH)
Tolerance
Test Conditions
DCR
(Ω) ±30%
Max. Isat
(Amps)
Max. Irms
(Amps)
SRF
(MHz)
NPIS41LSR82YTRF
0.82
±30%
100KHz, 1V
0.05
3.53
1.65
150
NPIS41LS1R0YTRF
1.0
±30%
100KHz, 1V
0.05
2.61
1.65
120
NPIS41LS1R2YTRF
1.2
±30%
100KHz, 1V
0.065
2.83
1.46
100
NPIS41LS1R5YTRF
1.5
±30%
100KHz, 1V
0.065
2.1
1.46
90
NPIS41LS1R8YTRF
1.8
±30%
100KHz, 1V
0.08
2.47
1.32
88
NPIS41LS2R2YTRF
2.2
±30%
100KHz, 1V
0.08
1.76
1.32
74
NPIS41LS2R7YTRF
2.7
±30%
100KHz, 1V
0.09
1.9
1.25
71
NPIS41LS3R3YTRF
3.3
±30%
100KHz, 1V
0.113
1.25
1.12
60
NPIS41LS3R6YTRF
3.6
±30%
100KHz, 1V
0.11
1.2
1.12
57
NPIS41LS4R3YTRF
4.3
±30%
100KHz, 1V
0.14
1.75
1
54
NPIS41LS4R7YTRF
4.7
±30%
100KHz, 1V
0.125
1.15
1.05
50
NPIS41LS5R1YTRF
5.1
±30%
100KHz, 1V
0.155
1.21
0.95
50
NPIS41LS5R6YTRF
5.6
±30%
100KHz, 1V
0.14
1.0
1.0
42
NPIS41LS6R8MTRF
6.8
±20%
100KHz, 1V
0.198
0.95
0.84
40
NPIS41LS100MTRF
10
±20%
100KHz, 1V
0.265
0.8
0.77
33
NPIS41LS120MTRF
12
±20%
100KHz, 1V
0.29
0.66
0.7
32
NPIS41LS150MTRF
15
±20%
100KHz, 1V
0.34
0.56
0.64
25
NPIS41LS180MTRF
18
±20%
100KHz, 1V
0.47
0.55
0.55
23
NPIS41LS220MTRF
22
±20%
100KHz, 1V
0.47
0.54
0.55
20
NPIS41LS270MTRF
27
±20%
100KHz, 1V
0.72
0.5
0.45
18
NPIS41LS330MTRF
33
±20%
100KHz, 1V
0.81
0.42
0.42
17
NPIS41LS360MTRF
36
±20%
100KHz, 1V
0.9
0.4
0.4
14
NPIS41LS390MTRF
39
±20%
100KHz, 1V
1.1
0.55
0.37
16
NPIS41LS470MTRF
47
±20%
100KHz, 1V
1.1
0.35
0.37
12
NPIS41LS560MTRF
56
±20%
100KHz, 1V
1.25
0.33
0.33
11
NPIS41LS680MTRF
68
±20%
100KHz, 1V
1.46
0.3
0.31
11
NPIS41LS820MTRF
82
±20%
100KHz, 1V
2.14
0.28
0.26
11
NPIS41LS101MTRF
100
±20%
100KHz, 1V
2.21
0.25
0.25
9.4
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS41LS Size
Inductance vs. DC Current Characteristics
Temperature vs. DC Current Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com