Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC373 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALVC373
Description  Octal D-type transparent latch 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC373 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVC373 Datasheet HTML 2Page - NXP Semiconductors 74ALVC373 Datasheet HTML 3Page - NXP Semiconductors 74ALVC373 Datasheet HTML 4Page - NXP Semiconductors 74ALVC373 Datasheet HTML 5Page - NXP Semiconductors 74ALVC373 Datasheet HTML 6Page - NXP Semiconductors 74ALVC373 Datasheet HTML 7Page - NXP Semiconductors 74ALVC373 Datasheet HTML 8Page - NXP Semiconductors 74ALVC373 Datasheet HTML 9Page - NXP Semiconductors 74ALVC373 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2002 Feb 26
6
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74ALVC373
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. When VCC = 0 V (Power-down mode), the output voltage can be 3.6 V in normal operation.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
1.65
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
enable mode; VCC = 1.65 to 3.6 V 0
VCC
V
disable mode; VCC = 1.65 to 3.6 V 0
3.6
V
Power-down mode; VCC = 0 V
0
3.6
V
Tamb
operating ambient temperature
−40
+85
°C
tr,tf
input rise and fall times
VCC = 1.65 to 2.7 V
0
20
ns/V
VCC = 2.7 to 3.6 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+4.6
V
IIK
input diode current
VI <0
−−50
mA
VI
input voltage
−0.5
+4.6
V
IOK
output diode current
VO >VCC or VO <0
−±50
mA
VO
output voltage
enable mode; notes 1 and 2
−0.5
VCC + 0.5 V
disable mode
−0.5
+4.6
V
Power-down mode; note 2
−0.5
+4.6
V
IO
output diode current
VO =0toVCC
−±50
mA
IGND, ICC
VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation per package
SO package
above 70
°C derate linearly with
8 mW/K
−
500
mW
TSSOP package
above 60
°C derate linearly with
5.5 mW/K
−
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com