Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9062 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # DA9062
Description  Entry level PMIC for applications requiring up to 8.5 A
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9062 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button DA9062 Datasheet HTML 41Page - Dialog Semiconductor DA9062 Datasheet HTML 42Page - Dialog Semiconductor DA9062 Datasheet HTML 43Page - Dialog Semiconductor DA9062 Datasheet HTML 44Page - Dialog Semiconductor DA9062 Datasheet HTML 45Page - Dialog Semiconductor DA9062 Datasheet HTML 46Page - Dialog Semiconductor DA9062 Datasheet HTML 47Page - Dialog Semiconductor DA9062 Datasheet HTML 48Page - Dialog Semiconductor DA9062 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 93 page
background image
DA9062
Entry level PMIC for applications requiring up to 8.5 A
Datasheet
Revision 3.2
18-Feb-2015
45 of 93
© 2016 Dialog Semiconductor
Current state
LS GPI
SYS_EN
PWR_EN
Freeze
Note 1
Next state
ACTIVE
1
x
0
x
SYSTEM
ACTIVE
1
x
1
x
ACTIVE
Note 1
In this table, “Freeze” represents the result of the comparison retry count = 0.
The following events will reset the retry counter and release the state machine from the freeze state:
● De-assertion of all blocked level-sensitive wakeup conditions
● Entry to the RESET mode (over-temperature error, nRESETREQ or long press of nONKEY)
● Entry to the RTC mode (system supply error)
The freeze operation is illustrated in Figure 21. Once the freeze state is cleared, DA9062 continues
operating normally. The freeze function can be enabled in the FREEZE_EN register and the number
of retries triggering the freeze can be configured in NFREEZE.
Power mode
ACTIVE
POWERDOWN
ACTIVE
TWD_ERROR
GPI
1
NFREEZE
The watchdog
expires
The level sensitive
wake-up condition
is blocked
The level sensitive
wake-up condition
is de-asserted
which resets the
retry count
The retry count is
decremented and
reaches zero
The system
operates normally
upon the next
wake-up event
Retry count
0
Figure 21: Freeze function
7.8.5
Power-up, power-down, and shutdown sequences
The power-up, power-down, and shutdown sequences, see Figure 20, are handled by the power
supply sequencer, see Section 7.9. All power-up sequences are identical, and the power-down
sequences mirror the power-up sequences.
The shutdown sequences are also identical to the power-down sequence, but after reaching
POWERDOWN mode, the state machine automatically proceeds to RESET mode. The shutdown
sequences caused by an internal error or nRESETREQ can be sped up from the INT_SD_MODE
and HOST_SD_MODE controls: see Section 7.8.3.
7.8.6
ACTIVE mode
In the ACTIVE mode, all supplies and functions are active. The transition from POWERDOWN to
ACTIVE mode is handled by the programmable sequencer. DA9062 enters ACTIVE mode after the
sequence has completed and the watchdog is enabled (if configured to use watchdog).
Status information can be read from the host processor via the 2-wire interface and DA9062 can flag
interrupt requests to the host via a dedicated interrupt port (nIRQ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com