Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC374 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74ALVC374
Description  Octal D-type flip-flop positive edge-trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC374 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74ALVC374 Datasheet HTML 10Page - NXP Semiconductors 74ALVC374 Datasheet HTML 11Page - NXP Semiconductors 74ALVC374 Datasheet HTML 12Page - NXP Semiconductors 74ALVC374 Datasheet HTML 13Page - NXP Semiconductors 74ALVC374 Datasheet HTML 14Page - NXP Semiconductors 74ALVC374 Datasheet HTML 15Page - NXP Semiconductors 74ALVC374 Datasheet HTML 16Page - NXP Semiconductors 74ALVC374 Datasheet HTML 17Page - NXP Semiconductors 74ALVC374 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
2002 Feb 26
14
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger;
3-state
74ALVC374
UNIT
A1
A2
A3
bp
cD (1)
E (2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
6.6
6.4
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.5
0.2
8
0
o
o
0.13
0.1
0.2
1.0
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT360-1
MO-153
95-02-04
99-12-27
w M
b p
D
Z
e
0.25
110
20
11
pin 1 index
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
A
max.
1.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com