Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC14441A Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SC14441A
Description  1.8V Single Chips for DECT with RFPA and QSPI
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14441A Datasheet(HTML) 1 Page - Dialog Semiconductor

  SC14441A Datasheet HTML 1Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2009 Dialog Semiconductor B.V.
1
www.dialog-semiconductor.com
DATASHEET
General Description
The SC14441A/B/C, SC14442A are a family of digital
CMOS ICs with fully integrated radio transceivers
including RF Power Amplifier and baseband proces-
sors for DECT & DECT 6.0 CAT-iQ and Korean DECT
handsets and basestations. The program memory and
data storage resided in the a low cost, low pin count
Quad SPI (QSPI) Serial FLASH. The dual row LGA
approach provides a backward compatible pinning to
the SC14481 devices.
Refer to "SC14441, SC14442 Family overview." on
page 22.
Features
n
Complies with DECT ETS 300 175-2,3 & 8 and
DECT 6.0 and Korean DECT (1.7 GHz)
n
10.368/20.736 xtal digital controlled oscillator.
n
Processing power
n
82.944 MHz 16 bit CompactRISCTM CR16Cplus
with 16kByte instruction and data cache.
n
Four channel DMA controller with (non-)blocking
mode
n
82.944 MHz Programmable Gen2DSP with Micro
Code ROM and 2k Micro Code RAM
n
Dedicated Instruction Processor (DiP) supporting
CAT-iQ slot formats (1.25kbyte DIP RAM)
n
Development/Debug support
n
Serial Debug interface, Nexus Class-1 compliant.
n
Performance Timer for Gen2DSP and CR16C
n
Instruction/Data/Event Trace unit
n
Gen2DSP debugger with 2 ch MCROM patching
n
Memories
n
16kbyte +4k non-shared/cache RAM
32kByte shared RAM (0/1 wait cycles)
n
48/2kByte Gen2DSP ROM/RAM
n
Power management
n
1.9 - 3.45V Operation range
n
1.8 Volt operating voltage with 1.8-3.45V I/O
n
Charge control for 2xNiMH batteries and Li-Ion
n
Dual output Voltage tripler
n
DCDC converter with boost, buck, boost-buck
operation.
n
Three matched current sources for white LEDs
n
Ultra low power mode (ULP) 32kHz time base and
low power CR16 Mode in off mode
n
Enhanced new battery detection
n
Battery voltage comparator with interrupt
n
Analog and Audio Interfaces
n
Dual 8, 16, 32 kHz 16-bit linear audio CODEC.
n
Analog Front End to differential and single ended
microphones and 28 Ohm loudspeaker.
n
CLASSD amplifier 0.5 W 2.5 V (4 Ohm)
n
10bit ADC for line interface, Battery voltage, tem-
perature sensor, headset detection
n
Opamps for caller-id, ringing, parallel set detec-
tion
n
Digital interfaces
n
82.944MHz.1.8-3.3V Quad SPI interface for serial
FLASH with erase suspend/resume support for
EEPROM function and CAT-iQ SUOTA.
n
4+2 general purpose I/O 8 bit ports.
n
Keyboard interface with debounce counter
n
Dual UART Full duplex 9600-230.4 kbaud.
n
Dual SPI+™ interface 20.736 MHz (Master/
Slave).
n
Dual ACCESS bus 100 kHz, 400 kHz, 1.152 MHz
n
6 channel PCM+ Interface M/S (I2S compatible)
n
Three general purpose timers and watch dog timer.
n
Radio transceiver
n
Integrated 1.9GHz/1,7GHz CMOS transceiver
n
<70 s RF PLL lock time
n
Four digital output ports (including two for fast
antenna diversity switching)
n
-96 dBm receiver sensitivity
n
Integrated 1.9 GHz PA for DECT and Korean DECT
n
High Power Mode EU (HPM):
25.5 dBm
High Power Mode USA (HPM):
23.5 dBm
Low Power Mode (LPM)
12 dBm
‘Green’ Mode (GPM):
4 dBm
Low Radiation Mode (LRM) :
-35 dBm
n
Output power ramp and flatness control
n
LLGA96, LLGA132, LGA96, LGA132, QFN88 pack-
ages
________________________________________________________________________________________________
System Diagram
SC14441
PSTN
Interface
SC14442
PSTN
RF + BB
RF+BB
SC14441
RF+BB
PCM
Interface
VoIP
SC14442
RF+BB
LCD
QSPI
FLASH
QSPI
FLASH
LCD
LCD
QSPI
FLASH
SPI
FLASH
QSPI
FLASH
SPI
FLASH
SUOTA
JUNE 5, 2012 V1.8
SC14441A/B/C, SC14442A
1.8V Single Chips for DECT with RFPA and QSPI


Similar Part No. - SC14441A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SC14441A RENESAS-SC14441A Datasheet
745Kb / 11P
1.8 Single Chips for DECT with RFPA and QSPI
June 26, 2024
More results

Similar Description - SC14441A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2068AHL PHILIPS-UAA2068AHL Datasheet
121Kb / 20P
Transmit chain and synthesizer with integrated VCO for DECT
1999 Jun 04
UAA2068G PHILIPS-UAA2068G Datasheet
132Kb / 20P
Transmit chain and synthesizer with integrated VCO for DECT
1998 Nov 19
logo
ATMEL Corporation
T2801 ATMEL-T2801 Datasheet
241Kb / 27P
DECT Single-Chip Transceiver
logo
National Semiconductor ...
LMX4168 NSC-LMX4168 Datasheet
41Kb / 4P
Radio Transceiver for DECT
LMX4268 NSC-LMX4268 Datasheet
39Kb / 4P
Radio Transceiver for DECT
SC14425 NSC-SC14425 Datasheet
78Kb / 5P
Complete Baseband processor for DECT Base Stations with Caller-id and Handsfree
SC14428 NSC-SC14428 Datasheet
113Kb / 6P
Baseband Processor for FP & PP DECT and WDCT
SC14405 NSC-SC14405 Datasheet
118Kb / 5P
Complete Baseband Processor for DECT Handsets with onchip Flash and LCD controller
logo
ATMEL Corporation
T2801 ATMEL-T2801_06 Datasheet
499Kb / 31P
DECT Single-Chip Transceiver
logo
MagnaChip Semiconductor...
MAP7154 MGCHIP-MAP7154 Datasheet
1Mb / 14P
6MHz, 800mA Buck Converter for RFPA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com