Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC2G86 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC2G86
Description  Dual 2-input exclusive-OR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G86 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC2G86 Datasheet HTML 1Page - NXP Semiconductors 74HC2G86 Datasheet HTML 2Page - NXP Semiconductors 74HC2G86 Datasheet HTML 3Page - NXP Semiconductors 74HC2G86 Datasheet HTML 4Page - NXP Semiconductors 74HC2G86 Datasheet HTML 5Page - NXP Semiconductors 74HC2G86 Datasheet HTML 6Page - NXP Semiconductors 74HC2G86 Datasheet HTML 7Page - NXP Semiconductors 74HC2G86 Datasheet HTML 8Page - NXP Semiconductors 74HC2G86 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2003 Jul 28
2
Philips Semiconductors
Product specification
Dual 2-input exclusive-OR gate
74HC2G86; 74HCT2G86
FEATURES
• Wide supply voltage range from 2.0 to 6.0 V
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• Very small 8 pins package
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
DESCRIPTION
The 74HC2G/HCT2G86 is a high-speed Si-gate CMOS
device.
The 74HC2G/HCT2G86 provides dual 2-input
exclusive-OR gate.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 6.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total switching outputs;
∑ (CL × VCC2 × fo) = sum of outputs.
2. For 74HC2G86 the condition is VI = GND to VCC.
For 74HCT2G86 the condition is VI = GND to VCC − 1.5 V.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC2G86
HCT2G86
tPHL/tPLH
propagation delay nA to nY
CL = 50 pF; VCC = 4.5 V
1111ns
CI
input capacitance
1.5
1.5
pF
CPD
power dissipation capacitance per gate
notes 1 and 2
10
9
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com