Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC2G86DP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC2G86DP
Description  Dual 2-input exclusive-OR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G86DP Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC2G86DP Datasheet HTML 1Page - NXP Semiconductors 74HC2G86DP Datasheet HTML 2Page - NXP Semiconductors 74HC2G86DP Datasheet HTML 3Page - NXP Semiconductors 74HC2G86DP Datasheet HTML 4Page - NXP Semiconductors 74HC2G86DP Datasheet HTML 5Page - NXP Semiconductors 74HC2G86DP Datasheet HTML 6Page - NXP Semiconductors 74HC2G86DP Datasheet HTML 7Page - NXP Semiconductors 74HC2G86DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G86DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2003 Jul 28
4
Philips Semiconductors
Product specification
Dual 2-input exclusive-OR gate
74HC2G86; 74HCT2G86
handbook, halfpage
1
2
3
4
8
7
6
5
MNA736
86
VCC
1Y
1B
2B
2A
GND
2Y
1A
Fig.1 Pin configuration.
handbook, halfpage
MNA737
1A
1B
1Y
2
1
7
2A
2B
2Y
6
5
3
Fig.2 Logic symbol.
handbook, halfpage
MNA738
7
= 1
= 1
2
1
3
6
5
Fig.3 IEC logic symbol.
handbook, halfpage
MNA040
Y
B
A
Fig.4 Logic diagram (one driver).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com