Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3940KLP Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A3940KLP
Description  FULL-BRIDGE POWER MOSFET CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3940KLP Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3940KLP Datasheet HTML 1Page - Allegro MicroSystems A3940KLP Datasheet HTML 2Page - Allegro MicroSystems A3940KLP Datasheet HTML 3Page - Allegro MicroSystems A3940KLP Datasheet HTML 4Page - Allegro MicroSystems A3940KLP Datasheet HTML 5Page - Allegro MicroSystems A3940KLP Datasheet HTML 6Page - Allegro MicroSystems A3940KLP Datasheet HTML 7Page - Allegro MicroSystems A3940KLP Datasheet HTML 8Page - Allegro MicroSystems A3940KLP Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Always order by complete part number, e.g., A3940KLP .
FULL-BRIDGE POWER MOSFET CONTROLLER
— For Automotive Applications
3940
The A3940KLP and A3940KLW are designed specifically for
automotive applications that require high-power motors. Each provides
four high-current gate drive outputs capable of driving a wide range of
n-channel power MOSFETs in a full-bridge configuration.
Bootstrap capacitors are utilized to provide the above-battery
supply voltage required for n-channel FETs. An internal charge pump
for the high side allows for dc (100% duty cycle) operation of the
bridge.
Protection features include supply under/overvoltage, thermal
shutdown, and motor lead short-to-battery and short-to-ground fault
notification, and a programmable dead-time adjustment for cross-
conduction prevention.
The overvoltage trip point is user adjustable.
The A3940 is supplied in a choice of two power packages, a 28-
lead TSSOP with an exposed thermal pad (suffix LP), and a 28-lead
wide-body SOIC (suffix LW).
FEATURES
!
!
!
!
! Drives wide range of n-channel MOSFETs
!
!
!
!
! Charge pump to boost gate drive at low-battery-input conditions
!
!
!
!
! Bootstrapped gate drive with charge pump for 100% duty cycle
!
!
!
!
! Synchronous rectification
!
!
!
!
! Fault diagnostic output
!
!
!
!
! Adjustable dead-time cross-conduction protection
! Motor lead short-to-battery and short-to-ground protection
! Undervoltage/overvoltage protection
!
!
!
!
! -40°C to +150°C, T
J operation
!
!
!
!
! Thermal shutdown
ABSOLUTE MAXIMUM RATINGS
Load Supply Voltage Range, VBB,
VDRAIN, CP1 .......... -0.6 V to +40 V
Output Voltage Ranges,
LSS .............................. -2 V to +6.5 V
GHA/GHB, V
GHX ........ -2 V to +55 V
SA/SB, V
SX .................. -2 V to +45 V
GLA/GLB, V
GLX .......... -2 V to +16 V
CA/CB, V
CX .............. -0.6 V to +55 V
CP2,VCP, VIN .......... -0.6 V to +52 V
Logic Input/Output Voltage Range
V
IN, VOUT ...................
-0.3 V to +6.5 V
Operating Temperature Range,
T
A ...........................
-40°C to +135°C
Junction Temperature, T
J ......... +150°C*
Storage Temperature Range,
T
S ...........................
-55°C to +150°C
* Fault conditions that produce excessive
junction temperature will activate device
thermal shutdown circuitry. These conditions
can be tolerated, but should be avoided.
A3940KLP
(TSSOP with exposed
thermal pad)
A3940KLW
(SOIC)
Approx. 2X actual size.
4
3
2
1
8
5
12
11
10
9
21
22
23
24
17
20
15
16
27
28
14
13
19
18
25
26
6
7
4
3
2
1
8
5
12
11
10
9
21
22
23
24
17
20
15
16
27
28
14
13
19
18
25
26
6
7


Similar Part No. - A3940KLP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3940KLP ALLEGRO-A3940KLP Datasheet
598Kb / 12P
FULL-BRIDGE POWER MOSFET CONTROLLER
A3940KLP-T ALLEGRO-A3940KLP-T Datasheet
598Kb / 12P
FULL-BRIDGE POWER MOSFET CONTROLLER
A3940KLPTR-T ALLEGRO-A3940KLPTR-T Datasheet
773Kb / 13P
Full-Bridge Power MOSFET Controller
More results

Similar Description - A3940KLP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20HM20FT ADPOW-APTM20HM20FT Datasheet
301Kb / 6P
Full - Bridge MOSFET Power Module
APTM100H45FT3 ADPOW-APTM100H45FT3 Datasheet
320Kb / 6P
Full - Bridge MOSFET Power Module
logo
Allegro MicroSystems
3940 ALLEGRO-3940_03 Datasheet
598Kb / 12P
FULL-BRIDGE POWER MOSFET CONTROLLER
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
Full - Bridge MOSFET Power Module
APTM50H14FT3G MICROSEMI-APTM50H14FT3G Datasheet
301Kb / 6P
Full - Bridge MOSFET Power Module
APTM50HM65FTG MICROSEMI-APTM50HM65FTG Datasheet
293Kb / 6P
Full - Bridge MOSFET Power Module
APTM100H35FTG MICROSEMI-APTM100H35FTG Datasheet
293Kb / 6P
Full - Bridge MOSFET Power Module
APTM120H29FG MICROSEMI-APTM120H29FG Datasheet
286Kb / 6P
Full - Bridge MOSFET Power Module
APTM120H57FT3G MICROSEMI-APTM120H57FT3G Datasheet
299Kb / 6P
Full - Bridge MOSFET Power Module
logo
Allegro MicroSystems
A3940KLPTR-T ALLEGRO-A3940KLPTR-T Datasheet
773Kb / 13P
Full-Bridge Power MOSFET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com