Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1084 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1084
Description  5A Low Dropout Positive Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1084 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1084 Datasheet HTML 1Page - National Semiconductor (TI) LM1084 Datasheet HTML 2Page - National Semiconductor (TI) LM1084 Datasheet HTML 3Page - National Semiconductor (TI) LM1084 Datasheet HTML 4Page - National Semiconductor (TI) LM1084 Datasheet HTML 5Page - National Semiconductor (TI) LM1084 Datasheet HTML 6Page - National Semiconductor (TI) LM1084 Datasheet HTML 7Page - National Semiconductor (TI) LM1084 Datasheet HTML 8Page - National Semiconductor (TI) LM1084 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM1084
5A Low Dropout Positive Regulators
General Description
The LM1084 is a series of low dropout voltage positive
regulators with a maximum dropout of 1.5V at 5A of load
current. It has the same pin-out as National Semiconductor’s
industry standard LM317.
The LM1084 is available in an adjustable version, which can
set the output voltage with only two external resistors. It is
also available in three fixed voltages: 3.3V, 5.0V and 12.0V.
The fixed versions intergrate the adjust resistors.
The LM1084 circuit includes a zener trimmed bandgap ref-
erence, current limiting and thermal shutdown.
The LM1084 series is available in TO-220 and TO-263 pack-
ages. Refer to the LM1085 for the 3A version, and the
LM1086 for the 1.5A version.
Features
n
Available in 3.3V, 5.0V, 12V and Adjustable Versions
n
Current Limiting and Thermal Protection
n
Output Current
5A
n
Industrial Temperature Range
−40˚C to 125˚C
n
Line Regulation
0.015% (typical)
n
Load Regulation
0.1% (typical)
Applications
n
Post Regulator for Switching DC/DC Conveter
n
High Efficiency Linear Regulators
n
Battery Charger
Connection Diagrams
TO-220
10094636
Top View
TO-263
10094635
Top View
Basic Functional Diagram, Adjustable Version
10094665
Application Circuit
10094652
1.2V to 15V Adjustable Regulator
June 2005
© 2005 National Semiconductor Corporation
DS100946
www.national.com


Similar Part No. - LM1084

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
HTC Korea TAEJIN Techno...
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Tiger Electronic Co.,Lt...
LM1084 TGS-LM1084 Datasheet
2Mb / 1P
5A LOW DROPOUT POSITIVE REGULATOR
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
LM1084 5A Low Dropout Positive Regulators
logo
Tiger Electronic Co.,Lt...
LM1084-15 TGS-LM1084-15 Datasheet
2Mb / 1P
5A LOW DROPOUT POSITIVE REGULATOR
More results

Similar Description - LM1084

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
5A LOW DROPOUT POSITIVE REGULATORS
LX8554-XX MICROSEMI-LX8554-XX Datasheet
198Kb / 7P
5A EXTREMELY LOW DROPOUT POSITIVE REGULATORS
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
5A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
LM1084 5A Low Dropout Positive Regulators
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Microsemi Corporation
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
5A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com