Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-331M4-TR1 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # ATF-331M4-TR1
Description  Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-331M4-TR1 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button ATF-331M4-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 12Page - Agilent(Hewlett-Packard) ATF-331M4-TR1 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
8
Freq
Fmin
Γ
opt
Γ
opt
Rn/50
Ga
GHz
dB
Mag.
Ang.
dB
0.50
0.36
0.35
0.2
0.06
21.97
0.90
0.4
0.341
24.3
0.06
18.96
1.00
0.41
0.34
31.1
0.05
18.77
1.50
0.45
0.341
62.5
0.04
16.31
1.80
0.48
0.346
79.3
0.05
15.79
2.00
0.5
0.351
89.6
0.05
14.93
2.50
0.54
0.37
112.8
0.04
13.67
3.00
0.59
0.395
132.4
0.04
12.62
4.00
0.68
0.461
162.3
0.03
10.78
5.00
0.77
0.538
-177.6
0.02
9.28
6.00
0.86
0.616
-164.4
0.02
8.34
7.00
0.95
0.683
-155.3
0.04
7.37
8.00
1.04
0.729
-147.2
0.07
6.63
9.00
1.13
0.742
-137.3
0.11
6.19
10.00
1.22
0.712
-122.6
0.19
5.23
Notes:
1. The Fmin values are based on a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these
measurements Fmin is calculated. Refer to the noise parameter measurement section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.010 inch thick alumina carrier assembly. The input reference plane is at the end of
the gate pad. The output reference plane is at the end of the drain pad.
Typical Noise Parameters,
VDS = 3V, IDS = 60 mA
Figure 20. MSG/MAG and |S21|
2 vs.
Frequency at 3 V , 60 mA.
MSG
MAG
FREQUENCY (GHz)
020
10
515
40
30
20
10
0
-10
|S21|
2
ATF-331M4 Typical Scattering Parameters,
VDS = 3V, IDS = 60 mA
Freq.
S11
S21
S12
S22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
dB
0.5
0.81
-93.60
22.93
14.01
127.00
-28.64
0.037
54.00
0.39
-167.20
25.78
0.8
0.78
-120.70
19.68
9.64
112.10
-26.56
0.047
48.30
0.46
-172.07
23.12
1.0
0.77
-133.60
18.81
8.72
105.40
-25.68
0.052
46.80
0.48
-175.73
22.24
1.5
0.75
-152.50
15.50
5.96
93.43
-23.88
0.064
46.03
0.51
176.57
19.69
1.8
0.74
-160.50
14.27
5.17
88.00
-22.73
0.073
45.93
0.51
172.73
18.50
2.0
0.74
-164.40
14.02
5.02
84.80
-22.16
0.078
46.03
0.52
170.47
18.09
2.5
0.72
-171.30
11.06
3.57
77.97
-20.72
0.092
45.93
0.52
164.60
15.89
3.0
0.70
-175.30
9.80
3.09
71.93
-18.40
0.120
45.37
0.53
161.90
14.10
4.0
0.71
162.70
7.39
2.34
53.33
-17.52
0.133
35.20
0.54
137.43
11.21
5.0
0.73
149.70
5.70
1.93
41.90
-16.95
0.142
29.87
0.54
134.20
9.70
6.0
0.71
140.60
4.61
1.70
29.10
-16.31
0.153
21.73
0.55
116.23
8.18
7.0
0.73
123.70
3.54
1.50
15.10
-15.55
0.167
11.40
0.56
110.13
7.39
8.0
0.74
112.70
3.33
1.47
7.10
-15.09
0.176
6.37
0.56
109.10
7.35
9.0
0.76
97.60
3.12
1.43
-4.37
-15.04
0.177
-2.77
0.57
93.43
7.16
10.0
0.79
83.40
2.52
1.34
-17.80
-14.75
0.183
-14.27
0.57
78.70
6.95
11.0
0.86
61.80
0.66
1.08
-32.10
-14.80
0.182
-26.87
0.57
66.20
6.68
12.0
0.87
62.00
-0.15
0.98
-37.60
-14.29
0.193
-31.00
0.63
60.03
6.21
13.0
0.88
52.00
-0.96
0.90
-49.50
-14.80
0.182
-41.97
0.68
49.47
5.74
14.0
0.89
44.50
-1.56
0.84
-58.70
-15.34
0.171
-50.27
0.71
40.23
5.55
15.0
0.92
38.80
-3.38
0.68
-67.60
-15.65
0.165
-58.43
0.74
30.87
5.16
16.0
0.94
33.20
-5.04
0.56
-74.90
-18.42
0.120
-65.47
0.77
25.03
4.92
17.0
0.94
28.20
-5.15
0.55
-80.90
-17.65
0.131
-71.67
0.78
18.87
4.96
18.0
0.93
24.60
-6.11
0.50
-84.90
-17.79
0.129
-76.30
0.80
14.17
3.76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com