Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-331M4-TR2 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # ATF-331M4-TR2
Description  Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-331M4-TR2 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button ATF-331M4-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 12Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 13Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 14Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
10
Notes:
1. The Fmin values are based on a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these
measurements Fmin is calculated. Refer to the noise parameter measurement section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.010 inch thick alumina carrier assembly. The input reference plane is at the end of
the gate pad. The output reference plane is at the end of the drain pad.
ATF-331M4 Typical Scattering Parameters,
VDS = 4V, IDS = 60 mA
Freq.
S11
S21
S12
S22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
dB
0.5
0.81
-93.00
23.11
14.30
127.30
-28.64
0.037
53.90
0.37
-161.30
25.87
0.8
0.78
-120.00
19.90
9.89
112.40
-26.56
0.047
48.30
0.43
-169.07
23.23
1.0
0.77
-133.00
19.03
8.94
105.60
-25.68
0.052
46.80
0.45
-173.33
22.35
1.5
0.75
-152.00
15.74
6.12
93.43
-23.88
0.064
45.83
0.48
178.37
19.81
1.8
0.74
-160.00
14.50
5.31
87.90
-22.85
0.072
45.73
0.48
174.33
18.68
2.0
0.74
-164.00
14.24
5.15
84.80
-22.27
0.077
45.83
0.49
171.87
18.25
2.5
0.72
-171.00
11.29
3.67
77.77
-20.82
0.091
45.73
0.49
165.90
16.06
3.0
0.69
-175.00
10.21
3.24
71.63
-19.25
0.109
45.27
0.51
162.80
14.73
4.0
0.71
163.00
7.64
2.41
52.93
-17.65
0.131
35.20
0.51
138.63
11.41
5.0
0.73
150.00
5.93
1.98
41.40
-17.08
0.140
30.07
0.51
135.70
9.89
6.0
0.71
141.00
4.81
1.74
28.60
-16.48
0.150
22.23
0.52
118.43
8.31
7.0
0.73
124.00
3.75
1.54
14.30
-15.65
0.165
11.90
0.53
111.93
7.56
8.0
0.74
113.00
3.52
1.50
6.20
-15.24
0.173
7.07
0.53
111.10
7.52
9.0
0.76
97.90
3.29
1.46
-5.37
-15.14
0.175
-1.87
0.54
95.43
7.31
10.0
0.79
83.70
2.67
1.36
-18.90
-14.89
0.180
-13.17
0.54
80.60
7.10
11.0
0.86
62.10
0.83
1.10
-33.30
-14.89
0.180
-25.67
0.54
67.90
6.92
12.0
0.87
62.30
0.00
1.00
-38.80
-14.42
0.190
-29.70
0.60
61.93
6.50
13.0
0.88
52.20
-0.82
0.91
-50.80
-14.89
0.180
-40.67
0.65
51.07
5.93
14.0
0.89
44.70
-1.41
0.85
-60.10
-15.39
0.170
-48.97
0.69
41.93
5.76
15.0
0.92
39.00
-3.22
0.69
-69.20
-15.65
0.165
-57.33
0.72
32.27
5.53
16.0
0.94
33.30
-4.88
0.57
-76.60
-18.42
0.120
-64.27
0.75
26.33
5.19
17.0
0.94
28.20
-5.04
0.56
-82.80
-17.59
0.132
-70.77
0.77
19.97
5.22
18.0
0.93
24.70
-6.02
0.50
-86.90
-17.72
0.130
-75.60
0.79
15.07
3.90
Freq
Fmin
Γ
opt
Γ
opt
Rn/50
Ga
GHz
dB
Mag.
Ang.
dB
0.50
0.38
0.316
0.7
0.06
22.33
0.90
0.42
0.314
28.9
0.06
19.23
1.00
0.43
0.314
35.5
0.06
19.1
1.50
0.47
0.321
65.7
0.05
16.63
1.80
0.5
0.329
81.9
0.05
15.86
2.00
0.52
0.336
91.9
0.05
14.96
2.50
0.56
0.358
114.3
0.04
13.73
3.00
0.61
0.386
133.2
0.04
12.58
4.00
0.7
0.454
162.3
0.03
10.78
5.00
0.79
0.53
-178.1
0.03
9.3
6.00
0.88
0.606
-165.1
0.02
8.32
7.00
0.97
0.67
-155.8
0.04
7.44
8.00
1.06
0.714
-147.4
0.07
6.59
9.00
1.16
0.728
-137.1
0.11
6.36
10.00
1.25
0.703
-121.9
0.19
5.27
Typical Noise Parameters,
VDS = 4V, IDS = 60 mA
Figure 22. MSG/MAG and |S21|
2 vs.
Frequency at 4 V , 60 mA.
MSG
MAG
FREQUENCY (GHz)
020
10
515
40
30
20
10
0
-10
|S21|
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com