Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1085 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1085
Description  3A Low Dropout Positive Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1085 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM1085 Datasheet HTML 5Page - National Semiconductor (TI) LM1085 Datasheet HTML 6Page - National Semiconductor (TI) LM1085 Datasheet HTML 7Page - National Semiconductor (TI) LM1085 Datasheet HTML 8Page - National Semiconductor (TI) LM1085 Datasheet HTML 9Page - National Semiconductor (TI) LM1085 Datasheet HTML 10Page - National Semiconductor (TI) LM1085 Datasheet HTML 11Page - National Semiconductor (TI) LM1085 Datasheet HTML 12Page - National Semiconductor (TI) LM1085 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Typical Applications
10094767
5V to 3.3V, 1.5A Regulator
10094750
Adjustable @ 5V
10094752
1.2V to 15V Adjustable Regulator
10094753
5V Regulator with Shutdown
10094754
Battery Charger
10094755
Adjustable Fixed Regulator
10094756
Regulator with Reference
10094757
High Current Lamp Driver Protection
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com