Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1838AAS Datasheet(PDF) 12 Page - Analog Devices

Part # AD1838AAS
Description  2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1838AAS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1838AAS Datasheet HTML 8Page - Analog Devices AD1838AAS Datasheet HTML 9Page - Analog Devices AD1838AAS Datasheet HTML 10Page - Analog Devices AD1838AAS Datasheet HTML 11Page - Analog Devices AD1838AAS Datasheet HTML 12Page - Analog Devices AD1838AAS Datasheet HTML 13Page - Analog Devices AD1838AAS Datasheet HTML 14Page - Analog Devices AD1838AAS Datasheet HTML 15Page - Analog Devices AD1838AAS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. A
AD1838A
–12–
RESET and Power-Down
PD/RST powers down the chip and sets the control registers to
their default settings. After
PD/RST is de-asserted, an initializa-
tion routine runs inside the AD1838A to clear all memories to
zero. This initialization lasts for approximately 20 LRCLK
intervals. During this time, it is recommended that no SPI
writes occur.
Power Supply and Voltage Reference
The AD1838A is designed for 5 V supplies. Separate power supply
pins are provided for the analog and digital sections. These pins
should be bypassed with 100 nF ceramic chip capacitors, as
close to the pins as possible, to minimize noise pickup. A bulk
aluminum electrolytic capacitor of at least 22
µF should also be
provided on the same PC board as the codec. For critical appli-
cations, improved performance will be obtained with separate
supplies for the analog and digital sections. If this is not possible, it
is recommended that the analog and digital supplies be isolated by
two ferrite beads in series with the bypass capacitor of each supply.
It is important that the analog supply be as clean as possible.
The internal voltage reference is brought out on the FILTR pin
and should be bypassed as close as possible to the chip, with a
parallel combination of 10
µF and 100 nF. The reference volt-
age may be used to bias external op amps to the common-mode
voltage of the analog input and output signal pins. The current
drawn from the FILTR pin should be limited to less than 50
µA.
Serial Control Port
The AD1838A has an SPI compatible control port to permit
programming the internal control registers for the ADCs and
DACs and to read the ADC signal levels from the internal peak
detectors. The SPI control port is a 4-wire serial control port. The
format is similar to the Motorola SPI format except the
input data-word is 16 bits wide. The maximum serial bit clock
frequency is 12.5 MHz and may be completely asynchronous to the
sample rate of the ADCs and DACs. Figure 3 shows the format
of the SPI signal.
Serial Data Ports—Data Format
The ADC serial data output mode defaults to the popular I
2S
format, where the data is delayed by one BCLK interval from
the edge of the LRCLK. By changing Bits 6 to 8 in ADC Con-
trol Register 2, the serial mode can be changed to right-justified
(RJ), left-justified DSP (DSP), or left-justified (LJ). In the RJ
mode, it is necessary to set Bits 4 and 5 to define the width of
the data-word.
DAC ENGINE
CLOCK SCALING
1
2
2/3
MCLK
DAC INPUT
INTERPOLATION
FILTER
-
MODULATOR
DAC
48kHz/96kHz/192kHz
ADC ENGINE
ADC OUTPUT
OPTIONAL
HPF
DECIMATOR/
FILTER
48kHz/96kHz
ANALOG
OUTPUT
ANALOG
INPUT
12.288MHz
IMCLK = 24.576MHz
-
MODULATOR
Figure 2. Modulator Clocking Scheme
CLATCH
CCLK
CIN
COUT
D0
D8
D0
D15
D14
D9
D8
t
CCH tCCL
D9
t
CDS tCDH
t
CLS
t
CLH
t
COD
t
COTS
t
CCP
t
COE
Figure 3. Format of SPI Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com