Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC273A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVC273A
Description  OCTAL D-TYPE FLIP-FLOP WITH CLEAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC273A Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC273A Datasheet HTML 1Page - Diodes Incorporated 74LVC273A Datasheet HTML 2Page - Diodes Incorporated 74LVC273A Datasheet HTML 3Page - Diodes Incorporated 74LVC273A Datasheet HTML 4Page - Diodes Incorporated 74LVC273A Datasheet HTML 5Page - Diodes Incorporated 74LVC273A Datasheet HTML 6Page - Diodes Incorporated 74LVC273A Datasheet HTML 7Page - Diodes Incorporated 74LVC273A Datasheet HTML 8Page - Diodes Incorporated 74LVC273A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74LVC273A
Document number: DS35892 Rev. 1 - 2
2 of 10
www.diodes.com
June 2014
© Diodes Incorporated
74LVC273A
Ordering Information
74 LVC 273A xxx -13
Logic Device
Function
Package
Packing
74 : Logic Prefix
273 :
Octal D-Type
Flip-Flop with
Clear
T20 : TSSOP-20
-13 : 13” Tape & Reel
Q20 : QFN-20
Device
Package
Code
Package
(Note 4 & 5)
Package
Size
13” Tape and Reel
Quantity
Part Number Suffix
74LVC273AT20-13
T20
TSSOP-20
6.4mm X 6.5mm X 1.2mm
0.65 mm lead pitch
2500/Tape & Reel
-13
74LVC273AQ20-13
Q20
V-QFN4525-20
2.5mm X 4.5mm X 0.95mm
0.50 mm lead pitch
2500/Tape & Reel
-13
Notes:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
5. V-QFN4525-20 is a JEDEC recognized naming convention that specifies the package thickness category as V and the number 4525 describes the
package as 4.5mm X 2.5mm.
Pin Descriptions
Pin
Number
Pin Name
Description
1
CLR
Clear
2
Q1
Latch Output
3
D1
Data Input
4
D2
Data Input
5
Q2
Latch Output
6
Q3
Latch Output
7
D3
Data Input
8
D4
Data Input
9
Q4
Latch Output
10
GND
Ground
11
CLK
Clock
12
Q5
Latch Output
13
D5
Data Input
14
D6
Data Input
15
Q6
Latch Output
16
Q7
Latch Output
17
D7
Data Input
18
D8
Data Input
19
Q8
Latch Output
20
Vcc
Supply Voltage
Logic Diagram
Function Table
(Each Flip-Flop)
INPUTS
OUTPUT
CLR
CLK
D
Q
L
X
X
L
H
↑
H
H
H
↑
L
L
H
L
X
Q0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com