Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8369 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8369
Description  45 dB Digitally Controlled VGA LF to 600 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8369 Datasheet(HTML) 4 Page - Analog Devices

  AD8369 Datasheet HTML 1Page - Analog Devices AD8369 Datasheet HTML 2Page - Analog Devices AD8369 Datasheet HTML 3Page - Analog Devices AD8369 Datasheet HTML 4Page - Analog Devices AD8369 Datasheet HTML 5Page - Analog Devices AD8369 Datasheet HTML 6Page - Analog Devices AD8369 Datasheet HTML 7Page - Analog Devices AD8369 Datasheet HTML 8Page - Analog Devices AD8369 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. 0
–4–
AD8369
Parameter
Conditions
Min
Typ
Max
Unit
Frequency = 380 MHz
Voltage Gain
38.5
dB
Gain Flatness
Within
±20 MHz of 380 MHz
±0.15
dB
Noise Figure
7.8
dB
Output IP3
f1 = 379.55 MHz, f2 = 380.45 MHz
+8.5
dBV rms
+8.5
dBm
IMD3
f1 = 379.55 MHz, f2 = 380.45 MHz,
VOPHI – VOPLO = 1 V p-p composite
–47
dBc
Harmonic Distortion
Second-Order, VOPHI – VOPLO = 1 V p-p
–45
dBc
Third-Order, VOPHI – VOPLO = 1 V p-p
–49
dBc
P1dB
For
±1 dB deviation from linear gain
+0.5
dBV rms
+0.5
dBm
Specifications subject to change without notice.
SPECIFICATIONS (Continued)
TIMING SPECIFICATIONS
SERIAL PROGRAMMING TIMING REQUIREMENTS
(VS = 5 V, T = 25
∞C)
Parameter
Typ
Unit
Minimum Clock Pulsewidth (TPW)10
ns
Minimum Clock Period (TCK)20
ns
Minimum Setup Time Data vs. Clock (TDS)2
ns
Minimum Setup Time Data Enable vs. Clock (TES)2
ns
Minimum Hold Time Clock vs. Data Enable (TEH)2
ns
Minimum Hold Time Data vs. Clock (TDH)4
ns
TCK
TPW
TEH
TES
CLOCK
DISABLED
CLOCK
DISABLED
CLOCK
ENABLED
DATA IS LATCHED ON LOW-TO-HIGH TRANSITION OF DENB
(NOT TO SCALE)
TDH
TDS
MSB
MSB–1
MSB–2
LSB
CLOCK
(BIT 1)
DATA
(BIT 0)
DATA
ENABLE
(DENB)
Serial Programming Timing
PARALLEL PROGRAMMING TIMING REQUIREMENTS
(VS = 5 V, T = 25
∞C)
Parameter
Typ
Unit
Minimum Setup Time Data Enable vs. Data (TES)2
ns
Minimum Hold Time Data Enable vs. Data (TEH)2
ns
Minimum Data Enable Width (TPW)4
ns
MSB
(BIT3)
DATA IS LATCHED ON HIGH-TO-LOW
TRANSITION OF DENB
DENB
TES
TEH
TPW
LSB
(BIT0)
MSB–2
(BIT1)
MSB–1
(BIT2)
(NOT TO SCALE)
Parallel Programming Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com