Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVC540 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # LVC540
Description  OCTAL BUFFER/ LINE DRIVER WITH 3 STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LVC540 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button LVC540 Datasheet HTML 2Page - Diodes Incorporated LVC540 Datasheet HTML 3Page - Diodes Incorporated LVC540 Datasheet HTML 4Page - Diodes Incorporated LVC540 Datasheet HTML 5Page - Diodes Incorporated LVC540 Datasheet HTML 6Page - Diodes Incorporated LVC540 Datasheet HTML 7Page - Diodes Incorporated LVC540 Datasheet HTML 8Page - Diodes Incorporated LVC540 Datasheet HTML 9Page - Diodes Incorporated LVC540 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
74LVC540A
Document number: DS35890 Rev. 1 - 2
8 of 10
www.diodes.com
July 2014
© Diodes Incorporated
74LVC540A
Package Outline Dimensions (All Dimensions in mm)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(1) TSSOP-20
(2) QFN-20 (V-QFN4525-20)
TSSOP-20
Dim
Min
Max
Typ
A
-
1.20
-
A1
0.05
0.15
-
A2
0.80
1.05
-
b
0.19
0.30
-
c
0.09
0.20
-
D
6.40
6.60
6.50
E
6.20
6.60
6.40
E1
4.30
4.50
4.40
e
0.65 BSC
L
0.45
0.75
0.60
L1
1.0 REF
θ1
-
θ2
10°
14°
12°
θ3
10°
14°
12°
All Dimensions in mm
V-QFN4525-20
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0.00
0.05
0.02
A3
-
-
0.15
b
0.18
0.30
0.23
D
4.45
4.55
4.50
D2
2.85
3.15
3.00
E
2.45
2.55
2.50
E2
0.85
1.15
1.00
e
0.50BSC
L
0.30
0.50
0.40
Z
-
-
0.385
Z1
-
-
0.885
All Dimensions in mm
ID MARK
PIN 1
e
D
E
E1
A2
A
A1
b
DETAIL
Seating Plane
θ1
Gauge Plane
0.25
L
L1
θ2
θ3
A
A 3
S e a t i n g P l a n e
A 1
P i n # 1 I D
D
E
b
2 0 x
E 2
L
2 0 x
D 2
e
Z
4 x
Z 1
4 x



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com