Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5160BRJ50-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5160BRJ50-R2
Description  256-Position SPI Compatible Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5160BRJ50-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5160BRJ50-R2 Datasheet HTML 8Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 9Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 10Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 11Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 12Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 13Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 14Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 15Page - Analog Devices AD5160BRJ50-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD5160
Rev. 0 | Page 16 of 16
OUTLINE DIMENSIONS
1
3
5
6
2
8
4
7
2.90 BSC
PIN 1
1.60 BSC
1.95
BSC
0.65 BSC
0.38
0.22
0.15 MAX
1.30
1.15
0.90
SEATING
PLANE
1.45 MAX
0.22
0.08
0.60
0.45
0.30
2.80 BSC
COMPLIANT TO JEDEC STANDARDS MO-178BA
Figure 44.
8-Lead Small Outline Transistor Package [SOT-23]
(RJ-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
RAB (Ω)
Temperature
Package Description
Package Option
Branding
AD5160BRJ5-R2
5k
–40°C to +125°C
SOT-23-8
RJ-8
D08
AD5160BRJ5-RL7
5k
–40°C to +125°C
SOT-23-8
RJ-8
D08
AD5160BRJ10-R2
10k
–40°C to +125°C
SOT-23-8
RJ-8
D09
AD5160BRJ10-RL7
10k
–40°C to +125°C
SOT-23-8
RJ-8
D09
AD5160BRJ50-R2
50k
–40°C to +125°C
SOT-23-8
RJ-8
D0A
AD5160BRJ50-RL7
50k
–40°C to +125°C
SOT-23-8
RJ-8
D0A
AD5160BRJ100-R2
100k
–40°C to +125°C
SOT-23-8
RJ-8
D0B
AD5160BRJ100-RL7
100k
–40°C to +125°C
SOT-23-8
RJ-8
D0B
AD5160EVAL
See Note 1
Evaluation Board
1The evaluation board is shipped with the 10 kΩ RAB resistor option; however, the board is compatible with all available resistor value options.
The AD5160 contains 2532 transistors. Die size: 30.7 mil × 76.8 mil = 2,358 sq. mil.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
© 2003 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective companies.
C03434–0–5/03(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com