Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1086 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1086
Description  1.5A Low Dropout Positive Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1086 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM1086 Datasheet HTML 6Page - National Semiconductor (TI) LM1086 Datasheet HTML 7Page - National Semiconductor (TI) LM1086 Datasheet HTML 8Page - National Semiconductor (TI) LM1086 Datasheet HTML 9Page - National Semiconductor (TI) LM1086 Datasheet HTML 10Page - National Semiconductor (TI) LM1086 Datasheet HTML 11Page - National Semiconductor (TI) LM1086 Datasheet HTML 12Page - National Semiconductor (TI) LM1086 Datasheet HTML 13Page - National Semiconductor (TI) LM1086 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Note (Continued)
OVERLOAD RECOVERY
Overload recovery refers to regulator’s ability to recover from
a short circuited output. A key factor in the recovery process
is the current limiting used to protect the output from drawing
too much power. The current limiting circuit reduces the
output current as the input to output differential increases.
Refer to short circuit curve in the curve section.
During normal start-up, the input to output differential is
small since the output follows the input. But, if the output is
shorted, then the recovery involves a large input to output
differential. Sometimes during this condition the current lim-
iting circuit is slow in recovering. If the limited current is too
low to develop a voltage at the output, the voltage will
stabilize at a lower level. Under these conditions it may be
necessary to recycle the power of the regulator in order to
get the smaller differential voltage and thus adequate start
up conditions. Refer to curve section for the short circuit
current vs. input differential voltage.
THERMAL CONSIDERATIONS
ICs heats up when in operation, and power consumption is
one factor in how hot it gets. The other factor is how well the
heat is dissipated. Heat dissipation is predictable by knowing
the thermal resistance between the IC and ambient (
θ
JA).
Thermal resistance has units of temperature per power (C/
W). The higher the thermal resistance, the hotter the IC.
The LM1086 specifies the thermal resistance for each pack-
age as junction to case (
θ
JC). In order to get the total
resistance to ambient (
θ
JA), two other thermal resistance
must be added, one for case to heat-sink (
θ
CH) and one for
heatsink to ambient (
θ
HA). The junction temperature can be
predicted as follows:
T
J =TA +PD (
θ
JC +
θ
CH +
θ
HA)= TA +PD
θ
JA
T
J is junction temperature, TA is ambient temperature, and
P
D is the power consumption of the device. Device power
consumption is calculated as follows:
I
IN =IL +IG
P
D =(VIN−VOUT)IL +VINIG
Figure 6 shows the voltages and currents which are present
in the circuit.
Once the device power is determined, the maximum allow-
able (
θ
JA(max)) is calculated as:
θ
JA (max) =TR(max)/PD =TJ(max) −TA(max))/PD
The LM1086 has different temperature specifications for two
different sections of the IC: the control section and the output
section. The Electrical Characteristics table shows the junc-
tion to case thermal resistances for each of these sections,
while the maximum junction temperatures (T
J(max)) for each
section is listed in the Absolute Maximum section of the
datasheet. T
J(max) is 125˚C for the control section, while
T
J(max) is 150˚C for the output section.
θ
JA (max) should be calculated separately for each section as
follows:
θ
JA (max, CONTROL SECTION) = (125˚C for TA(max))/PD
θ
JA (max, OUTPUT SECTION) = (150˚C for TA(max))/PD
The required heat sink is determined by calculating its re-
quired thermal resistance (
θ
HA(max)).
θ
HA(max) =
θ
JA(max) −(
θ
JC +
θ
CH)
θ
HA (max) should be calculated twice as follows:
θ
HA (max) =
θ
JA(max, CONTROL SECTION) - (
θ
JC (CON-
TROL SECTION) +
θ
CH)
θ
HA (max)=
θ
JA(max, OUTPUT SECTION) - (
θ
JC(OUTPUT
SECTION) +
θ
CH)
If thermal compound is used,
θ
CH can be estimated at 0.2
C/W. If the case is soldered to the heat sink, then a
θ
CH can
be estimated as 0 C/W.
After,
θ
HA (max) is calculated for each section, choose the
lower of the two
θ
HA (max) values to determine the appropri-
ate heat sink.
If PC board copper is going to be used as a heat sink, then
Figure 7 can be used to determine the appropriate area
(size) of copper foil required.
10094815
FIGURE 5. Regulator with Protection Diode
10094816
FIGURE 6. Power Dissipation Diagram
10094864
FIGURE 7. Heat sink thermal Resistance vs. Area
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com