Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7758ARW Datasheet(PDF) 57 Page - Analog Devices

Part # ADE7758ARW
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARW Datasheet(HTML) 57 Page - Analog Devices

Back Button ADE7758ARW Datasheet HTML 53Page - Analog Devices ADE7758ARW Datasheet HTML 54Page - Analog Devices ADE7758ARW Datasheet HTML 55Page - Analog Devices ADE7758ARW Datasheet HTML 56Page - Analog Devices ADE7758ARW Datasheet HTML 57Page - Analog Devices ADE7758ARW Datasheet HTML 58Page - Analog Devices ADE7758ARW Datasheet HTML 59Page - Analog Devices ADE7758ARW Datasheet HTML 60Page - Analog Devices ADE7758ARW Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
ADE7758
Rev. A | Page 57 of 68
ADE7758 SERIAL READ OPERATION
During a data read operation from the ADE7758, data is shifted
out at the DOUT logic output on the rising edge of SCLK. As
was the case with the data write operation, a data read must be
preceded with a write to the communications register.
With the ADE7758 in communications mode and CS logic low,
an 8-bit write to the communications register first takes place.
The MSB of this byte transfer must be a 0, indicating that the
next data transfer operation is a read. The seven LSBs of this
byte contain the address of the register that is to be read. The
ADE7758 starts shifting out of the register data on the next
rising edge of SCLK (see Figure 93). At this point, the DOUT
logic output switches from a high impedance state and starts
driving the data bus. All remaining bits of register data are
shifted out on subsequent SCLK rising edges. The serial
interface enters communications mode again as soon as the
read has been completed. The DOUT logic output enters a high
impedance state on the falling edge of the last SCLK pulse. The
read operation may be aborted by bringing the CS logic input
high before the data transfer is completed. The DOUT output
enters a high impedance state on the rising edge of CS.
When an ADE7758 register is addressed for a read operation,
the entire contents of that register are transferred to the serial
port. This allows the ADE7758 to modify its on-chip registers
without the risk of corrupting data during a multibyte transfer.
Note that when a read operation follows a write operation, the
read command (i.e., write to communications register) should
not happen for at least 1.1 µs after the end of the write operation.
If the read command is sent within 1.1 µs of the write operation,
the last byte of the write operation may be lost.
SCLK
CS
t1
t10
t13
0
A6
A4
A5
A3
A2
A1
A0
DB0
DB7
DB0
DB7
DIN
DOUT
t11
t12
COMMAND BYTE
MOST SIGNIFICANT BYTE
LEAST SIGNIFICANT BYTE
t9
Figure 93. Serial Interface Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com