Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7758ARWZ Datasheet(PDF) 58 Page - Analog Devices

Part # ADE7758ARWZ
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWZ Datasheet(HTML) 58 Page - Analog Devices

Back Button ADE7758ARWZ Datasheet HTML 54Page - Analog Devices ADE7758ARWZ Datasheet HTML 55Page - Analog Devices ADE7758ARWZ Datasheet HTML 56Page - Analog Devices ADE7758ARWZ Datasheet HTML 57Page - Analog Devices ADE7758ARWZ Datasheet HTML 58Page - Analog Devices ADE7758ARWZ Datasheet HTML 59Page - Analog Devices ADE7758ARWZ Datasheet HTML 60Page - Analog Devices ADE7758ARWZ Datasheet HTML 61Page - Analog Devices ADE7758ARWZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
ADE7758
Rev. A | Page 58 of 68
ACCESSING THE ADE7758 ON-CHIP REGISTERS
All ADE7758 functionality is accessed via the on-chip registers.
Each register is accessed by first writing to the communications
register and then transferring the register data. For a full
description of the serial interface protocol, see the ADE7758
Serial Interface section.
COMMUNICATIONS REGISTER
The communications register is an 8-bit, write-only register that
controls the serial data transfer between the ADE7758 and the
host processor. All data transfer operations must begin with a
write to the communications register. The data written to the
communications register determines whether the next operation
is a read or a write and which register is being accessed. Table 12
outlines the bit designations for the communications register.
Table 12. Communications Register
Bit Location
Bit Mnemonic
Description
0 to 6
A0 to A6
The seven LSBs of the communications register specify the register for the data transfer operation.
Table 13 lists the address of each ADE7758 on-chip register.
7
W/R
When this bit is a Logic 1, the data transfer operation immediately following the write to the
communications register is interpreted as a write to the ADE7758. When this bit is a Logic 0, the data
transfer operation immediately following the write to the communications register is interpreted as a
read operation.
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
W/R
A6
A5
A4
A3
A2
A1
A0
Table 13. ADE7758 Register List
Address
[A6:A0]
Name
R/W1
Length
Default
Value
Description
0x00
Reserved
–
Reserved.
0x01
AWATTHR
R
16
0
Watt-Hour Accumulation Register for Phase A. Active power is accumulated over
time in this read-only register. The AWATTHR register can hold a maximum of
0.52 seconds of active energy information with full-scale analog inputs before it
overflows (see the Active Energy Calculation section). Bit 0 and Bit 1 of the
COMPMODE register determine how the active energy is processed from the six
analog inputs.
0x02
BWATTHR
R
16
0
Watt-Hour Accumulation Register for Phase B.
0x03
CWATTHR
R
16
0
Watt-Hour Accumulation Register for Phase C.
0x04
AVARHR
R
16
0
VAR-Hour Accumulation Register for Phase A. Reactive power is accumulated
over time in this read-only register. The AVARHR register can hold a maximum of
0.52 seconds of reactive energy information with full-scale analog inputs before
it overflows (see the Reactive Energy Calculation section). Bit 0 and Bit 1 of the
COMPMODE register determine how the reactive energy is processed from the
six analog inputs.
0x05
BVARHR
R
16
0
VAR-Hour Accumulation Register for Phase B.
0x06
CVARHR
R
16
0
VAR-Hour Accumulation Register for Phase C.
0x07
AVAHR
R
16
0
VA-Hour Accumulation Register for Phase A. Apparent power is accumulated
over time in this read-only register. The AVAHR register can hold a maximum of
1.15 seconds of apparent energy information with full-scale analog inputs before
it overflows (see the Apparent Energy Calculation section). Bit 0 and Bit 1 of the
COMPMODE register determine how the apparent energy is processed from the
six analog inputs.
0x08
BVAHR
R
16
0
VA-Hour Accumulation Register for Phase B.
0x09
CVAHR
R
16
0
VA-Hour Accumulation Register for Phase C.
0x0A
AIRMS
R
24
0
Phase A Current Channel RMS Register. The register contains the rms component
of the Phase A input of the current channel. The source is selected by data bits in
the mode register.
0x0B
BIRMS
R
24
0
Phase B Current Channel RMS Register.
0x0C
CIRMS
R
24
0
Phase C Current Channel RMS Register.
0x0D
AVRMS
R
24
0
Phase A Voltage Channel RMS Register.
0x0E
BVRMS
R
24
0
Phase B Voltage Channel RMS Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com