Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA-0505SLF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # BA-0505SLF
Description  0.5~1W Isolated DC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-0505SLF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  BA-0505SLF Datasheet HTML 1Page - Bothhand USA, LP. BA-0505SLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BA LF Series
0.5~1W Isolated DC/DC Converter
BOTHHAND
USA
HTTP://www.bothhand
usa.com
Email: Sales@bothhand
usa.com 13
Technical Specification(2/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
3) 0.5 W Single Output DIL Package Style
BA-053R3D LF
3.3
150
28
133
50
± 12
74
BA-0505D LF
5
100
28
135
60
± 10
74
BA-0512D LF
5
12
42
28
133
100
± 8
76
BA-1205D LF
5
100
18
56
60
± 8
74
BA-1212D LF
12
12
42
18
55
100
± 8
76
BA-2405D LF
24
5
100
5
29
60
± 8
72
4) 1.0 W Single Output DIL Package Style
BA-053R3D1 LF
3.3
300
30
267
50
± 10
74
BA-0505D1 LF
5
200
30
253
60
± 8
79
BA-0512D1 LF
5
12
100
30
307
100
± 8
78
BA-1205D1 LF
5
200
18
105
60
± 8
79
BA-1212D1 LF
12
12
84
18
105
100
± 8
79
BA-2405D1 LF
24
5
200
5
54
60
± 8
77
5) 1.0 W Dual Output DIL Package Style
BA-0505DD1 LF
± 5
± 100
30
263
60
± 10
76
BA-0512DD1 LF
± 12
± 42
30
253
100
± 8
79
BA-0515DD1 LF
5
± 15
± 34
30
255
120
± 8
80
BA-1205DD1 LF
± 5
± 100
18
104
60
± 8
80
BA-1212DD1 LF
12
± 12
± 42
18
104
100
± 8
80
BA-2405DD1 LF
± 5
± 100
5
55
60
± 8
76
BA-2412DD1 LF
± 12
± 42
4
55
100
± 8
76
BA-2415DD1 LF
24
± 15
± 34
4
55
120
± 8
76
Mechanical Dimensions(2/2):
DIL Package Style
Bottom View
Date Code
BA-0505DD1 LF
Pb
10.50
(0.41)
7.62
(0.30)
7.62
(0.30)
3.05
(0.12)
Min
12.70
(0.50)
2.54
(0.10)
0.50
(0.02)
8.50
(0.33)
5.00
(0.20)
7.62
(0.30)
Printed
Face
Pin
Single
Pin
1
-Vin
No Pin
8
2
-Vo
7
3
No Pin
No Pin
6
4
+Vin
+Vo
5
Pin
Dual
Pin
1
-Vin
-Vo
8
2
Common
7
3
No Pin
No Pin
6
4
+Vin
+Vo
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com