Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7301 Datasheet(PDF) 3 Page - Analog Devices

Part # ADT7301
Description  13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7301 Datasheet(HTML) 3 Page - Analog Devices

  ADT7301 Datasheet HTML 1Page - Analog Devices ADT7301 Datasheet HTML 2Page - Analog Devices ADT7301 Datasheet HTML 3Page - Analog Devices ADT7301 Datasheet HTML 4Page - Analog Devices ADT7301 Datasheet HTML 5Page - Analog Devices ADT7301 Datasheet HTML 6Page - Analog Devices ADT7301 Datasheet HTML 7Page - Analog Devices ADT7301 Datasheet HTML 8Page - Analog Devices ADT7301 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary Technical Data
ADT7301
SPECIFICATIONS
TA = TMIN to TMAX, VDD = 2.7 V to 5.5 V, unless otherwise noted. All specifications apply for –40°C to +150°C, unless otherwise stated
Table 1. A Grade Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR AND ADC
VDD = +3.3 V (±10%) and 5 V (±10%)
Accuracy
TBD
±1
°C
TA = 0°C to 70°C.
TBD
±2
°C
TA = −20°C to +85°C.
TBD
±3
°C
TA = −40°C to +125°C.
TBD
±41
°C
TA = −40°C to +150°C.
Temperature Resolution
0.03125
°C
Auto Conversion Update Rate, tR
1
sec
Temperature measurement every 1 second
Temperature Conversion Time
2
ms
Thermal Time Constant2
2
sec
SUPPLIES
Supply Voltage
2.7
5.5
V
For Specified Performance
Supply Current
Normal Mode
1.6
2.2
mA
VDD = 3.3 V. Powered up and converting
190
300
µA
VDD = 3.3 V. Powered up and not converting
1.6
2.2
mA
VDD = 5 V. Powered up and converting
280
400
µA
VDD = 5 V. Powered up and not converting
Shutdown Mode
0.2
1
µA
VDD = 3.3 V.
0.2
1
µA
VDD = 5 V.
Power Dissipation
Normal Mode (Average)
631
µW
VDD = 3.3 V. Auto conversion update, tR.
1.41
mW
VDD = +5 V. Auto conversion update, tR.
Shutdown Mode (Average)3
1 sps
4.88
µW
VDD = 3.3 V
7.4
µW
VDD = 5 V
10 sps
42.9
µW
VDD = 3.3 V
65
µW
VDD = 5 V
100 sps
423
µW
VDD = 3.3 V
641
µW
VDD = 5 V
DIGITAL INPUT4
Input High Voltage, VIH
2.5
V
Input Low Voltage, VIL
0.8
V
Input Current, IIN
±1
µA
VIN = 0 V to VDD
Input Capacitance, CIN
10
pF
All digital inputs
DIGITAL OUTPUT5
Output High Voltage, VOH
VDD − 0.3 V
ISOURCE = ISINK = 200 µA
Output Low Voltage, VOL
0.4
V
IOL = 200 µA
Output Capacitance, COUT
50
pF
1 It is not recommended to operate the device at temperatures above +125°C for greater than a total of 5% (5,000 hours) of the lifetime of the device. Any exposure
beyond this limit will affect device reliability.
2 Thermal Time Constant is the time it takes for a starting temperature difference to change to 36.8% of it’s starting value. For example if the ADT7301 experienced a
thermal shock from 0°C to 100°C, it would take typically 2 secs for the ADT7301 to reach 63.2°C.
3 The ADT7301 is taken out of shutdown mode and a temperature conversion is immediately performed after this write operation. Once the temperature conversion is
complete the ADT7301 is put back into shutdown mode.
4 Guaranteed by design and characterization, not production tested.
5 Guaranteed by design and characterization, not production tested.
Specifications subject to change without notice
Rev. PrJ | Page 3 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com