Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7301ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADT7301ARMZ
Description  13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7301ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT7301ARMZ Datasheet HTML 6Page - Analog Devices ADT7301ARMZ Datasheet HTML 7Page - Analog Devices ADT7301ARMZ Datasheet HTML 8Page - Analog Devices ADT7301ARMZ Datasheet HTML 9Page - Analog Devices ADT7301ARMZ Datasheet HTML 10Page - Analog Devices ADT7301ARMZ Datasheet HTML 11Page - Analog Devices ADT7301ARMZ Datasheet HTML 12Page - Analog Devices ADT7301ARMZ Datasheet HTML 13Page - Analog Devices ADT7301ARMZ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ADT7301
Preliminary Technical Data
Rev. PrJ | Page 10 of 14
MICROPROCESSOR INTERFACING
The ADT7301’s serial interface allows for easy interface to most
microcomputers and microprocessors. Figure 14 through
Figure 17 show some typical interface circuits. The serial
interface on the ADT7301 consists of four wires: CS, DIN,
DOUT and SCLK. All interface circuits shown utilize all four
interface lines. However, it is possible to operate the interface
with three wires. If the application does not require the power-
down facility offered by the ADT7301, the DIN line can be tied
permanently low. Thus, the interface can be operated from just
three wires: SCLK, CS, and DOUT.
The serial data transfer to and from the ADT7301 requires a 16-
bit read operation. Many 8-bit microcontrollers have 8-bit serial
ports, and this 16-bit data transfer is handled as two 8-bit trans-
fers. Other microcontrollers and DSP processors transfer 16 bits
of data in a serial data operation.
ADT7301 to MC68HC11 Interface
Figure 14 shows an interface between the ADT7301 and the
MC68HC11 microcontroller. The MC68HC11 is configured in
master mode with its CPOL and CPHA bits set to a Logic 1.
When the MC68HC11 is configured like this, its SCLK line
idles high between data transfers. Data is transferred to and
from the ADT7301 in two 8-bit serial data operations. The
diagram shows the full (4-wire) interface. PC1 of the
MC68HC11 is configured as an output and is used to drive the
CS input.
ADT7301*
SCLK
DOUT
DIN
MC68HC11*
SCLK
MISO
MOSI
PC1
*ADDITIONAL PINS OMITTED FOR CLARITY
CS
Figure 14. ADT7301 to MC68HC11 Interface
ADT7301 to 8051 Interface
An interface circuit between the ADT7301 and the microcon-
troller is shown in Figure 15. The 8051 is configured in its Mode
0 serial interface mode. The serial clock line of the 8051 (on
P3.1) idles high between data transfers. Data is transferred to
and from the ADT7301 in two 8-bit serial data operations. The
ADT7301 outputs the MSB of its data stream as the first valid
bit while the 8051 expects the LSB first. Thus, the data read into
the serial buffer needs to be rearranged before the correct data-
word from the ADT7301 is available in the accumulator.
In the example shown, the ADT7301 is connected to the serial
port of the 8051. Because the serial interface of the 8051
contains only one data line, the DIN line of the ADT7301 is tied
low in the interface example given in Figure 15.
For applications that require the ADT7301’s power-down
feature, the serial interface should be implemented using data
port lines on the 8051. This allows a full-duplex serial interface
to be implemented. The method involves “bit-banging” a port
line to generate a serial clock while using two other port lines to
shift data in and out with the fourth port line connecting to CS.
Port lines 1.0 through 1.3 (with P1.1 configured as an input)
can be used to connect to SCLK, DOUT, DIN, and CS,
respectively, to implement this scheme.
ADT7301*
SCLK
DOUT
DIN
8051*
P3.1
P3.0
P1.2
P1.3
*ADDITIONAL PINS OMITTED FOR CLARITY
CS
Figure 15. ADT7301 to 8051 Interface
ADT7301 to PIC16C6x/7x Interface
Figure 16 shows an interface circuit between the ADT7301 and
the PIC16C6x/7x microcontroller. The PIC16C6x/7x
synchronous serial port (SSP) is configured as an SPI master
with the clock polarity bit set to a Logic 1. In this mode, the
serial clock line of the PIC16C6x/7x idles high between data
transfers. Data is transferred to and from the ADT7301 in two
8-bit serial data operations. In the example shown, port line
RA1 is being used to generate the CS for the ADT7301.
ADT7301*
SCLK
DOUT
DIN
PIC16C6x/7x*
SCK
SDO
SDI
RA1
*ADDITIONAL PINS OMITTED FOR CLARITY
CS
Figure 16. ADT7301 to PIC16C6x/7x Interface
The following software program shows how to program an
PIC16F873 to communicate with the ADT7301. The
PIC16F873 is configured as an SPI master with the PortA.1 pin
used as CS. Any Microchip microcontroller can use this
program by simply exchanging the include file for the device
that’s being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com