Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7181BST Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7181BST
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BST Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7181BST Datasheet HTML 17Page - Analog Devices ADV7181BST Datasheet HTML 18Page - Analog Devices ADV7181BST Datasheet HTML 19Page - Analog Devices ADV7181BST Datasheet HTML 20Page - Analog Devices ADV7181BST Datasheet HTML 21Page - Analog Devices ADV7181BST Datasheet HTML 22Page - Analog Devices ADV7181BST Datasheet HTML 23Page - Analog Devices ADV7181BST Datasheet HTML 24Page - Analog Devices ADV7181BST Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
ADV7181B
Rev. 0 | Page 21 of 96
AD_SECAM_EN Enable Autodetection of SECAM,
Address 0x07 [6]
Setting AD_SECAM_EN to 0 (default) disables the
autodetection of SECAM.
Setting AD_SECAM_EN to 1 enables the detection.
AD_N443_EN Enable Autodetection of NTSC 443,
Address 0x07 [5]
Setting AD_N443_EN to 0 disables the autodetection of NTSC
style systems with a 4.43 MHz color subcarrier.
Setting AD_N443_EN to 1 (default) enables the detection.
AD_P60_EN Enable Autodetection of PAL60,
Address 0x07 [4]
Setting AD_P60_EN to 0 disables the autodetection of PAL
systems with a 60 Hz field rate.
Setting AD_P60_EN to 1 (default) enables the detection.
AD_PALN_EN Enable Autodetection of PAL N,
Address 0x07 [3]
Setting AD_PALN_EN to 0 (default) disables the detection of
the PAL N standard.
Setting AD_PALN_EN to 1 enables the detection.
AD_PALM_EN Enable Autodetection of PAL M,
Address 0x07 [2]
Setting AD_PALM_EN to 0 (default) disables the autodetection
of PAL M.
Setting AD_PALM_EN to 1 enables the detection.
AD_NTSC_EN Enable Autodetection of NTSC,
Address 0x07 [1]
Setting AD_NTSC_EN to 0 (default) disables the detection of
standard NTSC.
Setting AD_NTSC_EN to 1 enables the detection.
AD_PAL_EN Enable Autodetection of PAL,
Address 0x07 [0]
Setting AD_PAL_EN to 0 (default) disables the detection of
standard PAL.
Setting AD_PAL_EN to 1 enables the detection.
SFL_INV Subcarrier Frequency Lock Inversion
This bit controls the behavior of the PAL switch bit in the SFL
(GenLock Telegram) data stream. It was implemented to solve
some compatibility issues with video encoders. It solves two
problems.
First, the PAL switch bit is only meaningful in PAL. Some
encoders (including Analog Devices encoders) also look at the
state of this bit in NTSC.
Second, there was a design change in Analog Devices encoders
from ADV717x to ADV719x. The older versions used the SFL
(GenLock Telegram) bit directly, while the later ones invert the
bit prior to using it. The reason for this is that the inversion
compensated for the 1-line delay of an SFL (GenLock Telegram)
transmission.
As a result, ADV717x encoders need the PAL switch bit in the
SFL (GenLock Telegram) to be 1 for NTSC to work. Also,
ADV7190/ADV7191/ADV7194 encoders need the PAL switch
bit in the SFL to be 0 to work in NTSC. If the state of the PAL
switch bit is wrong, a 180° phase shift occurs.
In a decoder/encoder back-to-back system in which SFL is used,
this bit must be set up properly for the specific encoder used.
SFL_INV Function Address 0x41 [6]
Setting SFL_INV to 0 makes the part SFL-compatible with
ADV7190/ADV7191/ADV7194 encoders.
Setting SFL_INV to 1 (default) makes the part SFL-compatible
with ADV717x/ADV7173x encoders.
Lock Related Controls
Lock information is presented to the user through Bits [1:0] of
the Status 1 register. See the STATUS_1[7:0] Address 0x10 [7:0]
section. Figure 8 outlines the signal flow and the controls
available to influence the way the lock status information is
generated.
1
0
TIME_WIN
FREE_RUN
STATUS 1 [0]
SELECT THE RAW LOCK SIGNAL
SRLS
FILTER THE RAW LOCK SIGNAL
CIL[2:0], COL[2:0]
TAKE FSC LOCK INTO ACCOUNT
FSCLE
STATUS 1 [1]
FSC LOCK
1
0
COUNTER INTO LOCK
COUNTER OUT OF LOCK
MEMORY
Figure 8. Lock Related Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com