Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL10-NP-2 Datasheet(PDF) 2 Page - Copal Electronics

Part # WL10-NP-2
Description  LIQUID LEAK SENSORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

WL10-NP-2 Datasheet(HTML) 2 Page - Copal Electronics

  WL10-NP-2 Datasheet HTML 1Page - Copal Electronics WL10-NP-2 Datasheet HTML 2Page - Copal Electronics WL10-NP-2 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Green
Red
Common
Power
B
Main circuit
S.Output
Load
LED Indicator
Green
Red
Common
Power
B
Main circuit
S.Output
Load
LED Indicator
■ STANDARD SPECIFICATIONS
Item
Operating temp. range
Storage temp.
Operating humidity
Supply voltage
Operation grade
Pressure medium
Material of housing
Net weight
Model number
WL10
NPN
PNP
Water (PP) / Corrosive fluids compatible with PFA
Approx. 30 (WL10- * P-2) Approx. 50 (WL10- * P-4, WL10- * F-2) Approx. 80 (WL10- * F-4)
Voltage endurance : 30 VDC
Sink current : 50 mA maximum
(Over current protection)
Voltage endurance : 24 VDC
Sourced current : 50 mA maximum
(Over current protection)
1.0 V maximum
2.0 V maximum
12 ~ 24
± 10 %
PP/PFA
35 ~ 85(No condensation)
− 20 ~ 70(Atmospheric pressure, humidity 65 %RH maximum)
− 10 ~ 60
Normal condition : Switch output is ON / Green LED is ON
Leakage detection : Switch output is OFF / Red LED is ON
°C
%RH
°C
V DC
Consumption current
Switching capacity
Residual voltage
10 (Except open collector output)
mA
maximum
V
maximum
g
● Unless otherwise specified, the specs are defined at an ambient temperature of 25
± 5 °C and excitation voltage of 24 V DC.
WL10
LIQUID LEAK SENSORS
■ ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions
Specification
Vibration
10 ~ 500 Hz, 1.5 mm maximum / 98.1 m / S2, 3 directions for 2 hours each
Meets standard specifications
490 m/s2, 3 directions for 3 times each
Shock
IP67
EMI : EN55011: 2007, A2 : 2007 Group 1, class B
EMS : EN61326-1: 2006 Table 2
Protection grade
EMC
■ INTERNAL ELECTRICAL SCHEMATICS
NPN
PNP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com