| Electronic Components Datasheet Search |
|
MAXWSNENV Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXWSNENV Datasheet(HTML) 2 Page - Maxim Integrated Products |
|
2 / 3 page ![]() Maxim Integrated │ 2 www.maximintegrated.com Wireless Sensor Node Environmental Sensor Demo Kit MAXWSNENV Bluetooth is a registered trademark of Bluetooth SIG, Inc. Detailed Description This demo kit is general purpose in nature, however, the included sensors allow for the development of sophisti- cated wireless sensor network and IoT nodes. This sec- tion describes each major function or component on the MAXWSNENV board. Use the MAXWSNENV board with the following separate documents: ● MAXWSNENV data sheet (this document) ● MAX32600 data sheet ● MAX32600 user guide ● MAXWSNENV board schematic ● MAXWSNENV board bill-of-materials Board Power The demo board is powered by on-board coin-cell battery or by a connected MAXHDK. Bluetooth Low-Energy (BLE) Controller The Bluetooth® low-energy controller is Bluetooth V4.0 compliant. Sensors The MAXWSNENV is fitted with four environmental sen- sors. Digital sensors are connected to the MAX32600 I2C master interface. Analog sensors are connected to the MAX32600 ADC interface. The MAXWSNENV includes the following sensors: ● BMP180 pressure sensor ● SI7020-A10 humidity sensor ● RPM-075PTT86 phototransistor ● NPN diode temperature sensor Pushbuttons Pushbutton SW1 can be used to generate an input for test purposes on port pin P1.5. SW1 is normally open, and therefore, provides a logic 0 when depressed. Firmware defines the action taken on this switch closure. Pushbutton SW2 provides a power-on-reset function to the MAX32600 microcontroller. USB The MAXWSNENV board provides access to the MAX32600 USB D+ and D- signals on connector J1 pins 16 and 18, respectively. LEDs A single, tri-color LED with series resistors is connected to GPIO pins P1.4, P1.6, and P1.7. Component List and Schematic Refer to the following files attached to this data sheet for component information and schematic: ● MAXWNENV_BOM.xls ● MAXWNENV_Schematic.pdf #Denotes RoHS compliant. PART TYPE MAXWSNENV# Demo kit Ordering Information |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |