Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N23SC Datasheet(PDF) 1 Page - American Microsemiconductor

Part # 1N23SC
Description  Point Contact Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

1N23SC Datasheet(HTML) 1 Page - American Microsemiconductor

  1N23SC Datasheet HTML 1Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S-X BAND POINT CONTACT MIXER DIODES
Point Contact Diodes:
Typical Performance
Part
Number
1N21C
1N21D
1N21E
1N21WE
1N21F
1N21G
1N21WG
1N416C
1N416D
1N416E
1N416F
1N416G
Noise Figure
3.060 GHz
LO = 1.0 mW
RI = 100 Ohms
MAX (dB)
8.5
7.5
7.0
7.0
6.0
5.5
5.5
8.5
7.5
7.0
6.5
6.0
VSWR
3.060 GHz
LO = 1.0 mW
RI = 100 Ohms
MAX (Ratio)
–
–
1.5
1.5
1.3
1.3
1.3
1.5
1.3
1.3
1.3
1.3
IF Impedance
3.060 GHz
LO = 1.0 mW
RI = 100 Ohms
MIN/MAX (Ohms)
325 - 465
325 - 465
350 - 450
350 - 450
350 - 450
350 - 450
350 - 450
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
Conversion Loss
3.060 GHz
LO = 1.0 mW
RI = 100 Ohms
MAX (dB)
–
–
–
–
–
5.0
5.0
–
–
7.0
6.5
6.0
Case
Style
PS100
PS100
PS100
PS101
PS101
PS100
PS100
PS101
PS101
PS101
PS101
PS101
Part
Number
1N23
1N23A
1N23B
1N23C
1N23D
1N23E
1N23WE
1N23F
1N23G
1N23WG
1N23H
1N415C
1N415D
1N415E
1N415F
1N415G
1N415H
Noise Figure
9.375 GHz
LO = 1.0 mW
RI = 100 Ohms
MAX (dB)
12.0
11.0
10.0
9.0
8.5
7.5
7.5
7.0
6.5
6.5
6.0
9.0
8.5
7.5
7.0
6.5
6.0
VSWR
9.375 GHz
LO = 1.0 mW
RI = 100 Ohms
MAX (Ratio)
–
–
1.5
1.5
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.5
1.3
1.3
1.3
1.3
1.3
IF Impedance
9.375 GHz
LO = 1.0 mW
RI = 100 Ohms
MIN/MAX (Ohms)
200 - 600
200 - 600
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
Conversion Loss
9.375 GHz
LO = 1.0 mW
RI = 100 Ohms
MAX (dB)
–
–
–
–
–
7.0
7.0
6.5
6.0
6.0
5.5
–
–
7.0
6.5
6.0
5.5
Case
Style
PS100
PS100
PS100
PS100
PS100
PS100
PS101
PS100
PS101
PS101
PS100
PS101
PS101
PS101
PS101
PS101
PS101
Electrical Specifications
Operating Temperature:
Storage Temperature:
Description
Applications
Packaging


Similar Part No. - 1N23SC

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
1N23SD AMMSEMI-1N23SD Datasheet
526Kb / 1P
Point Contact Diodes
1N23SE AMMSEMI-1N23SE Datasheet
526Kb / 1P
Point Contact Diodes
1N23SF AMMSEMI-1N23SF Datasheet
526Kb / 1P
Point Contact Diodes
1N23SG AMMSEMI-1N23SG Datasheet
526Kb / 1P
Point Contact Diodes
1N23SH AMMSEMI-1N23SH Datasheet
526Kb / 1P
Point Contact Diodes
More results

Similar Description - 1N23SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N25AR ETC1-1N25AR Datasheet
350Kb / 8P
SILICON POINT CONTACT MIXER DIODES
logo
SEMTECH ELECTRONICS LTD...
1N60P SEMTECH_ELEC-1N60P Datasheet
141Kb / 2P
POINT CONTACT GERMANIUM DIODES
logo
American Microsemicondu...
1N23 AMMSEMI-1N23 Datasheet
526Kb / 1P
Point Contact Diodes
1N23SD AMMSEMI-1N23SD Datasheet
526Kb / 1P
Point Contact Diodes
1N23SE AMMSEMI-1N23SE Datasheet
526Kb / 1P
Point Contact Diodes
1N23SF AMMSEMI-1N23SF Datasheet
526Kb / 1P
Point Contact Diodes
1N23SG AMMSEMI-1N23SG Datasheet
526Kb / 1P
Point Contact Diodes
1N23SH AMMSEMI-1N23SH Datasheet
526Kb / 1P
Point Contact Diodes
1N23WE AMMSEMI-1N23WE Datasheet
526Kb / 1P
Point Contact Diodes
1N23WG AMMSEMI-1N23WG Datasheet
526Kb / 1P
Point Contact Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com