Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4964-2M Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  High Precision Automotive Hall Effect Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 10Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 11Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 12Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 13Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 14Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 15Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 16Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 17Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
TLE4964-2M
Specification
Data Sheet
14
Revision 1.0, 2012-07-20
3.3
Operating Range
The following operating conditions must not be exceeded in order to ensure correct operation of the TLE4964-2M.
All parameters specified in the following sections refer to these operating conditions unless otherwise mentioned.
3.4
Electrical and Magnetic Characteristics
Product characteristics involve the spread of values guaranteed within the specified voltage and ambient
temperature range. Typical characteristics are the median of the production and correspond to VDD = 12 V and
TA = 25°C. The below listed specification is valid in combination with the application circuit shown in Figure 3-1
and Figure 3-2
Table 3-3
Operating Conditions Parameters
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
VDD
3.0
321)
1) Latch-up test with factor 1.5 is not covered. Please see max ratings also.
V
Output voltage
VQ
-0.3
32
V
Junction temperature
Tj
-40
170
°C
Output current
IQ
025
mA
Magnetic signal input frequency2)
2) For operation at the maximum switching frequency the magnetic input signal must be 1.4 times higher than for static fields.
This is due to the -3dB corner frequency of the internal low-pass filter in the signal path.
fSW
010
kHz
Table 3-4
General Electrical Characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply current
IS
1.11.6
2.5mA
Reverse current
ISR
0.05
1
mA
for VDD = -18 V
Output saturation
voltage
VQSAT
0.2
0.5
V
IQ = 20 mA
0.24
0.6
V
IQ = 25 mA
Output leakage
current
IQLEAK
10
μA
Output current
limitation
IQLIMIT
30
56
70
mA
internally limited & thermal
shutdown
Output fall time1)
1) Not subject to production test, verified by design/characterization.
tf
0.17
0.4
1
μs1.2 kΩ / 50 pF, see Figure 2-3
Output rise time1)
tr
0.4
0.5
1
μs1.2 kΩ / 50 pF, see Figure 2-3
Output jitter1)2)
2) Output jitter is the 1σ value of the output switching distribution.
tQJ
0.35
1
μs
For square wave signal with 1 kHz
Delay time1)3)
3) Systematic delay between magnetic threshold reached and output switching.
td
12
15
30
μssee Figure 2-3
Power-on time1)4)
4) Time from applying VDD = 3.0 V to the sensor until the output is valid.
tPON
80
150
μsVDD =3V, B ≤ BRP -0.5 mT or
B ≥ BOP +0.5 mT
Chopper frequency1)
fOSC
350
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com