Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGO827 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGO827
Description  870 MHz optical receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGO827 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGO827 Datasheet HTML 1Page - NXP Semiconductors BGO827 Datasheet HTML 2Page - NXP Semiconductors BGO827 Datasheet HTML 3Page - NXP Semiconductors BGO827 Datasheet HTML 4Page - NXP Semiconductors BGO827 Datasheet HTML 5Page - NXP Semiconductors BGO827 Datasheet HTML 6Page - NXP Semiconductors BGO827 Datasheet HTML 7Page - NXP Semiconductors BGO827 Datasheet HTML 8Page - NXP Semiconductors BGO827 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2004 Apr 07
4
Philips Semiconductors
Product specification
870 MHz optical receivers
BGO827; BGO827/FC0;
BGO827/SC0
Notes
1. Two laser test; each laser with a modulation index of 40%; Popt = 1 mW (total).
2. Three laser test; each laser with a modulation index of 60%; Popt = 1 mW (total).
3. fm = 446.5 MHz; fp = 97.25 MHz; fq = 349.25 MHz.
4. fm = 746.5 MHz; fp = 133.25 MHz; fq = 613.25 MHz.
5. fm = 854.5 MHz; fp = 133.25 MHz; fq = 721.25 MHz.
6. fm = 853.25 MHz; fp = 133.25 MHz; fq = 265.25 MHz; fr = 721.25 MHz.
d2
second order distortion
fm = 446.5 MHz; notes 1 and 3
−−−68
dB
fm = 746.5 MHz; notes 1 and 4
−−−63
dB
fm = 854.5 MHz; notes 1 and 5
−−−57
dB
∆d2
second order distortion
difference
d2 at Tmb =85 °C − d2
at Tmb =30 °C
2.5
dB
d2 at Tmb = −20 °C − d2
at Tmb =30 °C
−−1.5
dB
d3
third order distortion
fm = 853.25 MHz; notes 2 and 6
−−−73
dB
∆d3
third order distortion difference
d3 at Tmb =85 °C − d3
at Tmb =30 °C
1
dB
d3 at Tmb = −20 °C − d3
at Tmb =30 °C
−−1
dB
F
equivalent noise input
f = 40 to 450 MHz
−−
7
pA/
√Hz
f = 450 to 750 MHz
−−
8
pA/
√Hz
f = 750 to 870 MHz
−−
8.5
pA/
√Hz
sλ
spectral sensitivity
λ = 1310 ±20 nm
0.85
−−
A/W
λ = 1550 ±20 nm
0.9
−−
A/W
λ
optical wavelength
1290
1600
nm
L
length of optical fibre
fibre; SM type; 9/125
µm
BGO827
1
−−
m
BGO827/FC0, BGO827/SC0
746
861
mm
Itot
total current consumption (DC)
175
205
mA
Ibias
diode bias current at pin 4 (DC)
−−
25
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com