Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASE Datasheet(PDF) 2 Page - Copal Electronics

Part # ASE
Description  Hyper-miniature Slide Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ASE Datasheet(HTML) 2 Page - Copal Electronics

  ASE Datasheet HTML 1Page - Copal Electronics ASE Datasheet HTML 2Page - Copal Electronics ASE Datasheet HTML 3Page - Copal Electronics ASE Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
☆(白星)は、準標準品です。
☆:Semi-standard products.
▲は、お問い合せ品です。
▲:Inquiry products.
ASE
Switching function
Part No.
Viewed from part No. marking side
 ASE1D−2M−10−Z
ON
−
ON
☆ASE1E−2M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
−
2
−3
Switching function
Part No.
Viewed from part No. marking side
 ASE2D−2M−10−Z
ON
−
ON
★ASE2E−2M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
−
2
−3
5
−6
Switching function
Part No.
Viewed from part No. marking side
☆ASE2N−2M−10−Z
ON
−
ON
★ASE2P−2M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
−
2
−3
5
−6
Switching function
Part No.
Viewed from part No. marking side
 ASE1D−5M−10−Z
ON
−
ON
★ASE1E−5M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
−
2
−3
Switching function
Part No.
Viewed from part No. marking side
 ASE2D−5M−10−Z
ON
−
ON
★ASE2E−5M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
−
2
−3
5
−6
Switching function
Part No.
Viewed from part No. marking side
★ASE2N−5M−10−Z
ON
−
ON
▲ASE2P−5M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
−
2
−3
5
−6
SPDT
DPDT
DPDT
SPDT
DPDT
DPDT
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Distance between two terminal rows : 2.54 mm
Distance between two terminal
rows : 5.08 mm
Mounting height : 3.1 mm
Mounting height : 3.1 mm
Mounting height : 5.15 mm
PC
PC
PC
0.2R/A
0.2R/A
0.2R/A
★:Made to order products.
●The actuator is sealed with a white-colored packing. Remove the packing with tweezers after the washing process.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com