Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ403EP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQJ403EP
Description  Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ403EP Datasheet(HTML) 2 Page - Vishay Siliconix

  SQJ403EP Datasheet HTML 1Page - Vishay Siliconix SQJ403EP Datasheet HTML 2Page - Vishay Siliconix SQJ403EP Datasheet HTML 3Page - Vishay Siliconix SQJ403EP Datasheet HTML 4Page - Vishay Siliconix SQJ403EP Datasheet HTML 5Page - Vishay Siliconix SQJ403EP Datasheet HTML 6Page - Vishay Siliconix SQJ403EP Datasheet HTML 7Page - Vishay Siliconix SQJ403EP Datasheet HTML 8Page - Vishay Siliconix SQJ403EP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SQJ202EP
www.vishay.com
Vishay Siliconix
S15-2474-Rev. A, 19-Oct-15
2
Document Number: 62926
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
N-Ch 1
12
-
-
V
VGS = 0 V, ID = 250 μA
N-Ch 2
12
-
-
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
N-Ch 1
1
1.5
2
VDS = VGS, ID = 250 μA
N-Ch 2
1
1.5
2
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
N-Ch 1
-
-
± 100
nA
N-Ch 2
-
-
± 100
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 12 V
N-Ch 1
-
-
1
μA
VGS = 0 V
VDS = 12 V
N-Ch 2
-
-
1
VGS = 0 V
VDS = 12 V, TJ = 125 °C
N-Ch 1
-
-
50
VGS = 0 V
VDS = 12 V, TJ = 125 °C
N-Ch 2
-
-
50
VGS = 0 V
VDS = 12 V, TJ = 175 °C
N-Ch 1
-
-
500
VGS = 0 V
VDS = 12 V, TJ = 175 °C
N-Ch 2
-
-
500
On-State Drain Current a
ID(on)
VGS = 10 V
VDS
≥ 5 V
N-Ch 1
20
-
-
A
VGS = 10 V
VDS
≥ 5 V
N-Ch 2
30
-
-
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V
ID = 15 A
N-Ch 1
-
0.0052
0.0065
Ω
VGS = 10 V
ID = 20 A
N-Ch 2
-
0.0025
0.0033
VGS = 10 V
ID = 15 A, TJ = 125 °C
N-Ch 1
-
0.0075
-
VGS = 10 V
ID = 20 A, TJ = 125 °C
N-Ch 2
-
0.0031
-
VGS = 10 V
ID = 15 A, TJ = 175 °C
N-Ch 1
-
0.0085
-
VGS = 10 V
ID = 20 A, TJ = 175 °C
N-Ch 2
-
0.0038
-
VGS = 4.5 V
ID = 13 A
N-Ch 1
-
0.0075
0.0093
VGS = 4.5 V
ID = 18 A
N-Ch 2
-
0.0034
0.0045
Forward Transconductance b
gfs
VDS = 10 V, ID = 15 A
N-Ch 1
-
49
-
S
VDS = 10 V, ID = 20 A
N-Ch 2
-
91
-
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = 6 V, f = 1 MHz
N-Ch 1
-
777
975
pF
VGS = 0 V
VDS = 6 V, f = 1 MHz
N-Ch 2
-
2018
2525
Output Capacitance
Coss
VGS = 0 V
VDS = 6 V, f = 1 MHz
N-Ch 1
-
539
675
VGS = 0 V
VDS = 6 V, f = 1 MHz
N-Ch 2
-
1313
1645
Reverse Transfer Capacitance
Crss
VGS = 0 V
VDS = 6 V, f = 1 MHz
N-Ch 1
-
270
340
VGS = 0 V
VDS = 6 V, f = 1 MHz
N-Ch 2
-
683
855
Total Gate Charge c
Qg
VGS = 10 V
VDS = 6 V, ID = 20 A
N-Ch 1
-
14.5
22
nC
VGS = 10 V
VDS = 6 V, ID = 60 A
N-Ch 2
-
35.9
54
Gate-Source Charge c
Qgs
VGS = 10 V
VDS = 6 V, ID = 20 A
N-Ch 1
-
1.7
-
VGS = 10 V
VDS = 6 V, ID = 60 A
N-Ch 2
-
4.1
-
Gate-Drain Charge c
Qgd
VGS = 10 V
VDS = 6 V, ID = 20 A
N-Ch 1
-
2.1
-
VGS = 10 V
VDS = 6 V, ID = 60 A
N-Ch 2
-
4.3
-
Gate Resistance
Rg
f = 1 MHz
N-Ch 1
1.3
2.6
4
Ω
N-Ch 2
0.5
1.1
1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com