Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5903 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5903
Description  Dual Digital Tuner / AGC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5903 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button CLC5903 Datasheet HTML 13Page - National Semiconductor (TI) CLC5903 Datasheet HTML 14Page - National Semiconductor (TI) CLC5903 Datasheet HTML 15Page - National Semiconductor (TI) CLC5903 Datasheet HTML 16Page - National Semiconductor (TI) CLC5903 Datasheet HTML 17Page - National Semiconductor (TI) CLC5903 Datasheet HTML 18Page - National Semiconductor (TI) CLC5903 Datasheet HTML 19Page - National Semiconductor (TI) CLC5903 Datasheet HTML 20Page - National Semiconductor (TI) CLC5903 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
17
www.national.com
decreases relative to the output sample rate, the CIC droop
compensation performed by F1 may no longer be required.
Overall Channel Gain
The overall gain of the chip is a function of the amount of
decimation (N), the settings of the “SHIFT UP” circuit
(SCALE), the GAIN setting, the sum of the F1 coefficients,
and the sum of the F2 coefficients. The overall gain is shown
below in Equation 2.
(2)
Where:
(3)
and:
(4)
It is assumed that the DDC output words are treated as frac-
tional 2’s complement words. The numerators of
and
equal the sums of the impulse response coefficients of
F1 and F2, respectively. For the STD and GSM sets,
and
are nearly equal to unity. Observe that the
term in (2) is cancelled by the DVGA operation so that the
entire gain of the DRCS is independent of the DVGA setting
when EXP_INH=0. The
appearing in (2) is the result of the
6dB conversion loss in the mixer. For full-scale square wave
inputs the
should be set to 1 to prevent signal distortion.
Data Latency and Group Delay
The CLC5903 latency calculation assumes that the FIR filter
latency will be equal to the time required for data to propa-
gate through one half of the taps. The CIC filter provides 4N
equivalent taps where N is the CIC decimation ratio. F1 and
F2 provide 21 and 63 taps respectively. When these filters
are reflected back to the input rate, the effective taps are
increased by decimation. This results in a total of 298N taps
when the F2 decimation is 2 and 550N taps when the F2
decimation is 4.
The latency is then 149N CK periods when the F2 decima-
tion is 2 and 275N CK periods when the F2 decimation is 4.
The CLC5903 filters are linear phase filters so the group
delay remains constant.
Output Modes
After processing by the DDC, the data is then formatted for
output.
All output data is two’s complement. The serial outputs
power up in a tri-state condition and must be enabled
when the chip is configured. Parallel outputs are
enabled by the POUT_EN pin.
Output formats include truncation to 8 or 32 bits, rounding to
16 or 24 bits, and a 12-bit floating point format (4-bit expo-
nent, 8-bit mantissa, 138dB numeric range). This function is
performed in the OUTPUT CIRCUIT shown in Figure 29.
The channel outputs are accessible through serial output
pins and a 16-bit parallel output port. The RDY pin is pro-
vided to notify the user that a new output sample period
(OSP) has begun. OSP refers to the interval between output
samples at the decimated output rate. For example, if the
input rate (and clock rate) is 52 MHz and the overall decima-
tion factor is 192 (N=48, F2 decimation=2) the OSP will be
3.69 microseconds which corresponds to an output sample
Figure 28. CIC, F1, & F2 GSM Passband Flatness
0
20
40
60
80
100
−2
−1.5
−1
−0.5
0
0.5
1
Combined Frequency Response of CIC/F1/F2 Using GSM Set
Frequency (KHz)
G
DDC
1
2
--- DEC
1
+
()
4
2
SCALE
44
–
AGAIN
1
EXP_INH
–
()
⋅
–
[]
2
GAIN
G
F1
G
F2
⋅
⋅
⋅⋅
=
G
F1
h
1 i
()
i
1
=
21
∑
2
16
-----------------------
=
G
F2
h
2 i
()
i
1
=
63
∑
2
16
-----------------------
=
G
F1
G
F2
G
F1
G
F2
AGAIN
1
2
---
1
2
---
DIVIDE
BY
BOUT
AOUT
16
RATE
POUT_SEL[2..0]
POUT[15..0]
POUT_EN
CK
SCK
3
RDY
MUX
RDY_POL, SCK_POL, SFS_POL
Figure 29. CLC5903 output circuit
SFS
SCK_IN
Output Modes (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com