Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ486EP Datasheet(PDF) 12 Page - Vishay Siliconix

Part # SQJ486EP
Description  Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ486EP Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button SQJ486EP Datasheet HTML 5Page - Vishay Siliconix SQJ486EP Datasheet HTML 6Page - Vishay Siliconix SQJ486EP Datasheet HTML 7Page - Vishay Siliconix SQJ486EP Datasheet HTML 8Page - Vishay Siliconix SQJ486EP Datasheet HTML 9Page - Vishay Siliconix SQJ486EP Datasheet HTML 10Page - Vishay Siliconix SQJ486EP Datasheet HTML 11Page - Vishay Siliconix SQJ486EP Datasheet HTML 12Page - Vishay Siliconix SQJ486EP Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PAD Pattern
www.vishay.com
Vishay Siliconix
Revision: 07-Mar-13
1
Document Number: 64477
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED MINIMUM PADs FOR PowerPAK® SO-8L DUAL ASYMMETRIC
Recommended Minimum Pads
Dimensions in mm [inches]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com