Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6230 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # REF6230
Description  High-Precision Voltage Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF6230 Datasheet(HTML) 28 Page - Texas Instruments

Back Button REF6230 Datasheet HTML 24Page - Texas Instruments REF6230 Datasheet HTML 25Page - Texas Instruments REF6230 Datasheet HTML 26Page - Texas Instruments REF6230 Datasheet HTML 27Page - Texas Instruments REF6230 Datasheet HTML 28Page - Texas Instruments REF6230 Datasheet HTML 29Page - Texas Instruments REF6230 Datasheet HTML 30Page - Texas Instruments REF6230 Datasheet HTML 31Page - Texas Instruments REF6230 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
RSS
CFILT
RESR
CIN
REF62xx
CL
AGND
VOUT
REFP
REFM
ADC
AGND
VIN
EN
Copyright © 2016, Texas Instruments Incorporated
28
REF6225, REF6230, REF6233, REF6241, REF6245, REF6250
SBOS748 – SEPTEMBER 2016
www.ti.com
Product Folder Links: REF6225 REF6230 REF6233 REF6241 REF6245 REF6250
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
Figure 61 illustrates an example of a PCB layout for a data-acquisition system using the REF62xx. Some key
considerations are:
•
Connect low-ESR, 0.1-μF ceramic bypass capacitors between the VIN pin and ground.
•
Place the REF62xx output capacitor (CL) and the ADC as close to each other as possible.
•
Run two separate traces between VOUT_F, VOUT_S and the output capacitor, as shown in Figure 61.
•
Short the GND_F and GND_S pins with a solid plane, and extend this plane to connect to the output
capacitor CL, as shown in Figure 61.
•
Use a solid ground plane to help distribute heat and reduces electromagnetic interference (EMI) noise pickup.
•
Place the external components as close to the device as possible. This configuration prevents parasitic errors
(such as the Seebeck effect) from occurring.
•
Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when absolutely necessary.
11.2 Layout Example
Figure 61. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com