Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6233 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # REF6233
Description  High-Precision Voltage Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF6233 Datasheet(HTML) 21 Page - Texas Instruments

Back Button REF6233 Datasheet HTML 17Page - Texas Instruments REF6233 Datasheet HTML 18Page - Texas Instruments REF6233 Datasheet HTML 19Page - Texas Instruments REF6233 Datasheet HTML 20Page - Texas Instruments REF6233 Datasheet HTML 21Page - Texas Instruments REF6233 Datasheet HTML 22Page - Texas Instruments REF6233 Datasheet HTML 23Page - Texas Instruments REF6233 Datasheet HTML 24Page - Texas Instruments REF6233 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
±4
±3
±2
±1
0
1
2
3
4
0
200
400
600
800
1000
Time (µs)
C04
Regular Voltage Reference Droop
REF62xx Droop
0.001
0.01
0.1
1
10
100
100
1 k
10 k
100 k
1 M
Frequency (Hz)
C063
REF20xx (C
L = 10 µF)
REF62xx (C
L = 10 µF)
Bandgap
Voltage
Reference
CFILT = 1 µF
CL = 47 µF
RESR = 5
RFILT
Buffer
+
VIN
OUT_S
OUT_F
FILT
VIN
GND_S
GND_F
Power Supply
SS
REF62xx
RLIM = 120
EN
GND
REF
+
VIN
R = 1
RF = 5
Ÿ
CF = 10 nF
THS4521
AINP
AINN
ADS8881
Copyright © 2016, Texas Instruments Incorporated
R = 1
R = 1
R = 1
RF = 5
Ÿ
Power Supply
21
REF6225, REF6230, REF6233, REF6241, REF6245, REF6250
www.ti.com
SBOS748 – SEPTEMBER 2016
Product Folder Links: REF6225 REF6230 REF6233 REF6241 REF6245 REF6250
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
ppm/°C between 0°C and 70 °C for both the voltage reference and the buffer combined, while operating at a
typical quiescent current of 820 µA. The reference drift is guaranteed from 0°C and 70 °C. The REF62xx can
operate from -55°C to 125°C without getting damaged.Figure 50 compares the output impedance of a regular
voltage reference (REF20xx) and a voltage reference with integrated ADC drive buffer (REF62xx). Figure 51
compares the burst-mode, reference-settling performance of a regular voltage reference and the REF62xx.
Figure 49. REF62xx Driving REF Pin of ADS8881 SAR ADC
Figure 50. Output Impedance Comparison
1 LSB = 19.07 µV, with ADS8881 at 1 MSPS
Figure 51. Reference Droop Comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com