| Electronic Components Datasheet Search |
|
UCD3138 Datasheet(PDF) 34 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138 Datasheet(HTML) 34 Page - Texas Instruments |
|
34 / 89 page ![]() A ON SELECT A OFF SELECT B ON SELECT B OFF SELECT EGEN A EGEN B EDGE GEN PWM A PWM B B SELECT A SELECT INTRAMUX A/B/C (N) A/B/C (N+1) C (N+2) C (N+3) A(N) B(N) A(N+1) B(N+1) 34 UCD3138 SLUSAP2G – MARCH 2012 – REVISED SEPTEMBER 2016 www.ti.com Submit Documentation Feedback Product Folder Links: UCD3138 Detailed Description Copyright © 2012–2016, Texas Instruments Incorporated 6.5.3 DPWMC, Edge Generation, IntraMux The UCD3138 has hardware for generating complex waveforms beyond the simple DPWMA and DPWMB waveforms already discussed – DPWMC, the Edge Generation Module, and the IntraMux. DPWMC is a signal inside the DPWM logic. It goes high at the Blanking A begin time, and low at the Blanking A end time. The Edge Gen module takes DPWMA and DPWMB from its own DPWM module, and the next one, and uses them to generate edges for two outputs. For DPWM3, the DPWM0 is considered to be the next DPWM. Each edge (rising and falling for DPWMA and DPWMB) has 8 options which can cause it. The options are: 0 = DPWM(n) A Rising edge 1 = DPWM(n) A Falling edge 2 = DPWM(n) B Rising edge 3 = DPWM(n) B Falling edge 4 = DPWM(n+1) A Rising edge 5 = DPWM(n+1) A Falling edge 6 = DPWM(n+1) B Rising edge 7 = DPWM(n+1) B Falling edge Where “n" is the numerical index of the DPWM module of interest. For example n=1 refers to DPWM1. The Edge Gen is controlled by the DPWMEDGEGEN register. It also has an enable/disable bit. The IntraMux is controlled by the Auto Config registers. Intra Mux is short for intra multiplexer. The IntraMux takes signals from multiple DPWMs and from the Edge Gen and combines them logically to generate DPWMA and DPWMB signals This is useful for topologies like phase-shifted full bridge, especially when they are controlled with automatic mode switching. Of course, it can all be disabled, and DPWMA and DPWMB will be driven as described in the sections above. If the Intra Mux is enabled, high resolution must be disabled, and DPWM edge resolution goes down to 4 ns. Here is a drawing of the Edge Gen/Intra Mux: Figure 6-5. Edge Gen/Intra Mux Here is a list of the IntraMux modes for DPWMA: 0 = DPWMA(n) pass through (default) 1 = Edge-gen output, DPWMA(n) 2 = DPWNC(n) 3 = DPWMB(n) (Crossover) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |