Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA213CIRSWT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA213CIRSWT
Description  Voltage Output, Low- or High-Side Measurement, Bidirectional
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA213CIRSWT Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA213CIRSWT Datasheet HTML 7Page - Texas Instruments INA213CIRSWT Datasheet HTML 8Page - Texas Instruments INA213CIRSWT Datasheet HTML 9Page - Texas Instruments INA213CIRSWT Datasheet HTML 10Page - Texas Instruments INA213CIRSWT Datasheet HTML 11Page - Texas Instruments INA213CIRSWT Datasheet HTML 12Page - Texas Instruments INA213CIRSWT Datasheet HTML 13Page - Texas Instruments INA213CIRSWT Datasheet HTML 14Page - Texas Instruments INA213CIRSWT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Time(100ms/div)
2V
PP OutputSignal
10mV
InputSignal
PP
Time(50ms/div)
CommonVoltageStep
OutputVoltage
0V
0V
Frequency (Hz)
100
10
1
10
100
1k
100k
10k
V = 2.5V
±
S
V
= 0V
REF
V
, V
= 0V
IN-
IN+
INA213
INA214
INA212
INA211
INA210
INA215
Time(1s/div)
V = 2.5V
±
S
V
=0V
CM
V
=0V
DIF
V
=0V
REF
Temperature( C)
°
35
30
25
20
15
10
5
0
-50
-25
150
0
25
50
75
100
125
Temperature( C)
°
100
90
80
70
60
50
40
30
20
10
0
-50
-25
150
0
25
50
75
100
125
11
INA210, INA211, INA212, INA213, INA214, INA215
www.ti.com
SBOS437I – MAY 2008 – REVISED SEPTEMBER 2016
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
The INA210 is used for typical characteristics at TA = 25°C, VS = 5 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
Figure 13. Input Bias Current vs Temperature
Figure 14. Quiescent Current vs Temperature
Figure 15. Input-Referred Voltage Noise vs Frequency
Figure 16. 0.1-Hz to 10-Hz Voltage Noise (Referred-To-Input)
Figure 17. Step Response (10-mVPP Input Step)
Figure 18. Common-Mode Voltage Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com