Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA212CIRSWT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA212CIRSWT
Description  Voltage Output, Low- or High-Side Measurement, Bidirectional
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA212CIRSWT Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA212CIRSWT Datasheet HTML 13Page - Texas Instruments INA212CIRSWT Datasheet HTML 14Page - Texas Instruments INA212CIRSWT Datasheet HTML 15Page - Texas Instruments INA212CIRSWT Datasheet HTML 16Page - Texas Instruments INA212CIRSWT Datasheet HTML 17Page - Texas Instruments INA212CIRSWT Datasheet HTML 18Page - Texas Instruments INA212CIRSWT Datasheet HTML 19Page - Texas Instruments INA212CIRSWT Datasheet HTML 20Page - Texas Instruments INA212CIRSWT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
INA21x
V+
OUT
GND
IN-
IN+
PRODUCT
R and R
3
4
INA210
INA211
INA212
INA213
INA214
5 kW
2 kW
1 kW
20 kW
10 kW
C
BYPASS
Shutdown
Control
REF
Reference
Voltage
1 MW
R
3
1 MW
R
4
Supply
Load
R
SHUNT
Output
INA215
13.3 kW
17
INA210, INA211, INA212, INA213, INA214, INA215
www.ti.com
SBOS437I – MAY 2008 – REVISED SEPTEMBER 2016
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
8.4.2 Shutting Down the INA210-INA215 Series
Although the INA210-INA215 series does not have a shutdown pin, the low power consumption of the device
allows the output of a logic gate or transistor switch to power the INA210-INA215. This gate or switch turns on
and turns off the INA210-INA215 power-supply quiescent current.
However, in current shunt monitoring applications, there is also a concern for how much current is drained from
the shunt circuit in shutdown conditions. Evaluating this current drain involves considering the simplified
schematic of the INA210-INA215 in shutdown mode, as shown in Figure 25.
NOTE: 1-MΩ paths from shunt inputs to reference and INA21x outputs.
Figure 25. Basic Circuit for Shutting Down the INA210-INA215 with a Grounded Reference
Note that there is typically slightly more than 1-M
Ω impedance (from the combination of 1-MΩ feedback and
5-k
Ω input resistors) from each input of the INA210-INA215 to the OUT pin and to the REF pin. The amount of
current flowing through these pins depends on the respective ultimate connection. For example, if the REF pin is
grounded, the calculation of the effect of the 1-M
Ω impedance from the shunt to ground is straightforward.
However, if the reference or op amp is powered while the INA210-INA215 is shut down, the calculation is direct;
instead of assuming 1 M
Ω to ground, however, assume 1 MΩ to the reference voltage. If the reference or op
amp is also shut down, some knowledge of the reference or op amp output impedance under shutdown
conditions is required. For instance, if the reference source behaves as an open circuit when not powered, little
or no current flows through the 1-M
Ω path.
Regarding the 1-M
Ω path to the output pin, the output stage of a disabled INA210-INA215 does constitute a
good path to ground. Consequently, this current is directly proportional to a shunt common-mode voltage present
across a 1-M
Ω resistor.
As a final note, when the device is powered up, there is an additional, nearly constant, and well-matched 25 μA
that flows in each of the inputs as long as the shunt common-mode voltage is 3 V or higher. Below 2-V common-
mode, the only current effects are the result of the 1-M
Ω resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com