| Electronic Components Datasheet Search |
|
DAC7573IPWR Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DAC7573IPWR Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 30 page ![]() www.ti.com DAC7573 SLAS398 – SEPTEMBER 2003 Master Transmitter Writing to a Slave Receiver (DAC7573) in Standard/Fast Modes All write access sequences begin with the device address (with R/W = 0) followed by the control byte. This control byte specifies the operation mode of DAC7573 and determines which channel of DAC7573 is being accessed in the subsequent read/write operation. The LSB of the control byte (PD0-Bit) determines if the following data is power-down data or regular data. With (PD0-Bit = 0) the DAC7573 expects to receive data in the following sequence HIGH-BYTE –LOW-BYTE – HIGH-BYTE – LOW-BYTE ..., until a STOP Condition or REPEATED START Condition on the I2C-Bus is recognized (refer to the DATA INPUT MODE section of Table 4). With (PD0-Bit = 1) the DAC7573 expects to receive 2 Bytes of power-down data (refer to the POWER DOWN MODE section of Table 4). Table 4. Write Sequence in F/S Mode DATA INPUT MODE Transmitter MSB 6 5 4 3 2 1 LSB Comment Master Start Begin sequence Master 1 0 0 1 1 A1 A0 R/W Write addressing (R/W=0) DAC7573 DAC7573 Acknowledges Master A3 A2 Load 1 Load 0 x Buff Sel 1 Buff Sel 0 PD0 Control byte (PD0=0) DAC7573 DAC7573 Acknowledges Master D11 D10 D9 D8 D7 D6 D5 D4 Writing data word, high byte DAC7573 DAC7573 Acknowledges Master D3 D2 D1 D0 x x x x Writing data word, low byte DAC7573 DAC7573 Acknowledges Master Data or Stop or Repeated Start (1) Data or done (2) POWER DOWN MODE Transmitter MSB 6 5 4 3 2 1 LSB Comment Master Start Begin sequence Master 1 0 0 1 1 A1 A0 R/W Write addressing (R/W=0) DAC7573 DAC7573 Acknowledges Master A3 A2 Load 1 Load 0 x Buff Sel 1 Buff Sel 0 PD0 Control byte (PD0 = 1) DAC7573 DAC7573 Acknowledges Master PD1 PD2 0 0 0 0 0 0 Writing data word, high byte DAC7573 DAC7573 Acknowledges Master 0 0 0 0 x x x x Writing data word, low byte DAC7573 DAC7573 Acknowledges Master Stop or Repeated Start (1) Done (1) Use repeated START to secure bus operation and loop back to the stage of write addressing for next Write. (2) Once DAC7573 is properly addressed and control byte is sent, HIGH–BYTE–LOW–BYTE sequences can repeat until a STOP condition or repeated START condition is received. 19 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |