Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2018 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG2018
Description  Low Voltage, Dual DPDT and Quad SPDT Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2018 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2018 Datasheet HTML 1Page - Vishay Siliconix DG2018 Datasheet HTML 2Page - Vishay Siliconix DG2018 Datasheet HTML 3Page - Vishay Siliconix DG2018 Datasheet HTML 4Page - Vishay Siliconix DG2018 Datasheet HTML 5Page - Vishay Siliconix DG2018 Datasheet HTML 6Page - Vishay Siliconix DG2018 Datasheet HTML 7Page - Vishay Siliconix DG2018 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IN
NO4
COM2
NO2
NC3
VL
NC1
COM4
1
2
3
12
11
10
49
56
8
16
15
14
13
NC2 GND NO3 COM3
COM1 NO1
V+
NC4
Top View
DG2019DN
QFN-16 (3 X 3)
7
DG2018/2019
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72342
S-31644—Rev. A, 01-Aug-03
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
Logic
NC1, 2, 3, and 4
NO1, 2, 3, and 4
0
ON
OFF
1
OFF
ON
ORDERING INFORMATION
Temp Range
Package
Part Number
-40 to 85°C
QFN-16 (3 x 3 mm)
DG2019DN
ABSOLUTE MAXIMUM RATINGS
Reference to GND
V+
-0.3 to +6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IN, COM, NC, NO
-0.3 to (V+ + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current (Any terminal)
"50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current
"100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Pulsed at 1 ms, 10% duty cycle)
Storage Temperature (D Suffix)
-65 to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Packages)b
QFN-16 (3 x 3 mm)c
850 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on NC, NO, or COM or IN exceeding V+ will be clamped by inter-
nal diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 4.0 mW/_C above 70_C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com