Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM336P Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # DM336P
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM336P Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button DM336P Datasheet HTML 20Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 21Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 22Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 23Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 24Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 25Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 26Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 27Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
24
Final
Version: DM336P-DS-F02
August 15, 2000
DM6381/82 Pin Description
Pin No.
Pin Name
I/O
Description
1
RD_SP2
I
Data Input Pin Of Serial Port 2:
The serial data is sampled at the falling edge of the SCLK. The
MSB is coming immediately after falling of FR_SP2 signal.
2
FR_SP2
I/O
Frame Signal For Serial Port 2:
This pin keeps at the low state normally and changes it's state
according to the rising edge of the SCLK clock. A high to low
transition initiates a data transfer.
3
AVDD
P
Analog Power For PLL Circuit
4OSCO
O
Oscillator Output Pin
5OSCI
I
Oscillator Input Pin:
A 40.32MHz crystal and feedback resister should be connected
between OCSI and OSCO.
6AGND
P
Analog Ground For PLL Circuit
7
TXDCLK
I
Transmit Data Rate Clock:
This pin is used as reference clock of TXD pin.
8, 29, 60, 68, 71,
84, 94, 95
DGND
P
Digital Ground
9
RXDCLK
I
Receive Data Rate Clock:
This pin is used as reference clock of RXD pin.
10
CODEC_CLK
O
20.16MHz Clock Output For DM6380 Chip
11
RXD
O
Modem Received Data
Shifted out to the EIA port through this pin according to the rising
edge of RXDCLK.
12, 42, 57, 90, 93
VDD
P
Digital Power
13
TXD
I
Modem Transmit Data
Shifted into DM6381/DM6382 from EIA port through this pin at
the rising edge of TXDCLK.
14
/URD
I
Read Indication Of Dual Port RAM, low active.
15
/UWR
I
Write Indication Of Dual Port RAM, low active.
16 - 19
UAR3 - UAR0
I
Dual Port RAM Address Bus Input
This address bus can access 16 bytes dual port RAM.
20
/UCS
I
Dual Port RAM Chip Select Pin, low active.
21 - 28
UD0 - UD7
I/O
Data Bus Of The Dual Port RAM
30
MSCLK
O
Clock Output Pin For DM6383
The frequency of this clock can be programmed to be either
22.43MHz or 44.87MHz.
31
P0.F
O
Output Port Bit F
32
P0.E
O
Output Port Bit E
33
P0.D
O
Output Port Bit D
34
P0.C
O
Output Port Bit C
35 - 41, 43 - 56,
58, 59, 61 - 67,
70, 72, 77 - 83,
85 - 89
NC
-
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com