Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9081 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DM9081
Description  10BASE-T Hub Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9081 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DM9081 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DM9081
Final
5
Version: DM9081-DS-F01
April 22, 1997
Pin Description
Pin No.
Pin Name
I/O
Description
Miscellaneous
3, 4, 9, 30,
40, 50, 83,
93
DVDD
P
Digital Power
14, 21, 35,
45, 88, 98
DGND
P
Digital Ground
18
RESET#
I
Active low to reset the internal logic of DM9081. It should be synchronized to
X2 if multiple DM9081s
are used
20, 19
TESTPIN0
TESTPIN1
I
These two pins are used to select LED display mode. Normal mode is selected
if both pins are connected to VDD. Minimum mode is selected if both pins are
connected to GND. Other settings are prohibited
26, 29
NC
-
These pins should be left open
27
X2
I
A 20MHz oscillator or crystal should be attached to this pin
28
X1
O
This pin is used in crystal connection only. It is left open when using an
oscillator
67, 81
AVDD
P
Analog Power
68, 82
AGND
P
Analog Ground
LED Display Pins
5LED_LATCH
(LI/RX7)
O
This pin is used to latch the serial LED information from pins 6 to 13
In minimum mode, this pin sends out TP7 Link and Carrier Sense status
6AUI_LED
(LI/RX6)
O
This pin transmits AUI port status synchronous to TCK
In minimum mode, this pin sends out TP6 Link and Carrier Sense status
7TP_BIT_LED
(LI/RX5)
O
This pin sends out global bit rate error status of the DM9081 Hub
In minimum mode, this pin sends out TP5 Link and Carrier Sense status
8
TP_POL_LED
(LI/RX4)
O
In minimum mode, this pin sends out TP4 Link and Carrier Sense status
10
TP_JAB_LED
(LI/RX3)
O
This pin transmits global jabber status of the DM9081 Hub
In minimum mode, this pin sends out TP3 Link and Carrier Sense status
11
TRAFFIC_LED
(LI/RX2)
O
This pin sends out utilization of 10MHz bandwidth synchronous to TCK
In minimum mode, this pin sends out TP2 Link and Carrier Sense status
12
TP_PAR_LED
(LI/RX1)
O
This pin sends out the partition status synchronous to TCK for the eight TP
ports
In minimum mode, this pin sends out TP1 Link and Carrier Sense status
13
TP_LINK_LED
(LI/RX0)
O
This pin sends out the link and carrier sense status synchronous to TCK for
the eight TP ports
In minimum mode, this pin sends out TP0 Link and Carrier Sense status
15
AUI1_CRS_LED
O
Active low for 52ms when AUI Port 1 detects carrier
16
AUI2_CRS_LED
O
Active low for 52ms when AUI Port 2 detects carrier
17
COL_LED
O
Active low for 26ms when collision is detected
25
TCK
O
A 10MHz clock synchronous to X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com