| Electronic Components Datasheet Search |
|
DM6382F Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DM6382F Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers |
|
18 / 40 page ![]() DM336P V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set 18 Final Version: DM336P-DS-F02 August 15, 2000 There are two other special considerations for software protocol. During an iteration, it is possible that the 55H and AAH combination is never detected. It is also possible that the checksum does not match. If either of these cases occurs on the first iteration, it must be assumed that the READ_DATA port is in conflict. If a conflict is detected, then the READ_DATA port will be relocated. The above process is repeated until a non-conflicting location for the READ_DATA port is found. The entire range between 203H and 3FFH is available; however, in practice, it is expected that only a few locations will be tried before software determines that no Plug and Play cards are present. During subsequent iterations, the occurrence of either of these two special cases should be interpreted as the absence of any further Plug and Play cards (i.e. the last card was found in the previous iteration). This terminates the isolation protocol. Note: The software must delay 1 msec prior to starting the first pair of isolation reads, and wait 250 msec between each sub-sequence pair of isolation reads. This delay gives the ISA card time to access information from very slow storage devices. (8) Plug and Play Isolation Sequence The Plug and Play isolation sequence is divided into four states: Wait for Key, Sleep, Isolation, and Configuration. The state transitions for the Plug and Play ISA card are shown below: POWER UP RETDRV OR RESET COMMAND WAIT FOR KEY STATE ACTIVE COMMANDS NO ACTIVE COMMANDS SLEEP STATE ACTIVE COMMANDS RESET RESET CSN WAIT FOR KEY WAKE(CSN) ISOLATION STATE ACTIVE COMMANDS RESET RESET CSN WAIT FOR KEY SET RD_DATA PORT SERIAL ISOLATION WAKE(CSN) SET CSN CONFIG STATE ACTIVE COMMANDS RESET RESET CSN WAIT FOR KEY WAKE(CSN) RESOURCE DATA STATUS LOGICAL DIVICE I/O RANGE CHECK ACTIVATE CONFIGURATION REGISTERS SET CSN WAKE=0 & CSN=0 WAKE<>CSN WAKE<>0 & WAKE=CSN LOSE SERIAL ISOLATION OR WAKE<>CSN Note: 1. CSN = Card Select Number. 2. RSTDRV causes a state transition from the current state to Wait for Key and sets all CSNs to zero. 3. The Wait for Key command causes a state transition from the current state to Wait for Key. 4. The Reset CSN commands include PnP Reset CSN and DM Reset CSN commands. The former sets all ISA PnP cards CSNs to zero, while the latter only sets DM6383 PnP cards CSNs to zero. command will cause a state transition. Plug and Play ISA Card State Transitions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |