Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1085 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS1085
Description  EconOscillator Frequency Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1085 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS1085 Datasheet HTML 13Page - Dallas Semiconductor DS1085 Datasheet HTML 14Page - Dallas Semiconductor DS1085 Datasheet HTML 15Page - Dallas Semiconductor DS1085 Datasheet HTML 16Page - Dallas Semiconductor DS1085 Datasheet HTML 17Page - Dallas Semiconductor DS1085 Datasheet HTML 18Page - Dallas Semiconductor DS1085 Datasheet HTML 19Page - Dallas Semiconductor DS1085 Datasheet HTML 20Page - Dallas Semiconductor DS1085 Datasheet HTML 21Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
DS1085
21 of 21
TYPICAL OPERATING CHARACTERISTICS (continued)
(VCC = 5V ± 5%, TA = 0°C to +70°C.)
SUPPLY CURRENT vs. DIVISOR
19
20
21
22
23
24
25
0
200
400
600
800
1000
DIVISOR (N)
DS1085-50
DS1085-25
DS1085-10
SUPPLY CURRENT
vs. DAC SETTING AND OFFSET
15
17
19
21
23
25
27
29
31
33
35
0
200
400
600
800
1000
DAC SETTING
OS
OS + 1
OS - 1
FREQUENCY % CHANGE
vs. SUPPLY VOLTAGE
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
4.75
4.85
4.95
5.05
5.15
5.25
VOLTAGE (V)
DS1085-50
DS1085-25
DS1085-10
FREQUENCY % CHANGE vs.
TEMPERATURE
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20304050
6070
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com