Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1086 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1086
Description  DS1086 Spread-Spectrum EconOscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1086 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1086 Datasheet HTML 1Page - Dallas Semiconductor DS1086 Datasheet HTML 2Page - Dallas Semiconductor DS1086 Datasheet HTML 3Page - Dallas Semiconductor DS1086 Datasheet HTML 4Page - Dallas Semiconductor DS1086 Datasheet HTML 5Page - Dallas Semiconductor DS1086 Datasheet HTML 6Page - Dallas Semiconductor DS1086 Datasheet HTML 7Page - Dallas Semiconductor DS1086 Datasheet HTML 8Page - Dallas Semiconductor DS1086 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS1086 Spread-Spectrum EconOscillator
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(VCC = 5V ±5%, TA = 0°C to +70°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
4.75
5.00
5.25
V
High-Level Input Voltage
(SDA, SCL)
VIH
0.7 x
VCC
VCC +
0.3
V
Low-Level Input Voltage
(SDA, SCL)
VIL
-0.3
0.3 x
VCC
V
High-Level Input Voltage
(SPRD,
PDN, OE)
VIH
2
VCC +
0.3
V
Low-Level Input Voltage
(SPRD,
PDN, OE)
VIL
-0.3
0.8
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
High-Level Output Voltage (OUT)
VOH
IOH = -4mA, VCC = min
2.4
V
Low-Level Output Voltage (OUT)
VOL
IOL = 4mA
0.4
V
High-Level Input Current
IIH
VCC = 5.25V
1
µA
Low-Level Input Current
IIL
VIL = 0
-1
µA
Supply Current (Active)
ICC
CL = 15pF (output at default frequency)
35
mA
Standby Current (Power-Down)
ICCQ
Power-down mode
10
µA
Voltage on VCC Relative to Ground ......................-0.5V to +6.0V
Voltage on SPRD,
PDN, OE, SDA,
SCL Relative to Ground (See Note 1).......-0.5 to (VCC + 0.5V)
Operating Temperature Range...............................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature ..................See IPC/JEDEC J-STD-020A
Note 1:
This voltage must not exceed 6.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com